Electronic Components Datasheet Search |
|
RH5RH693B-T2 Datasheet(PDF) 9 Page - RICOH electronics devices division |
|
RH5RH693B-T2 Datasheet(HTML) 9 Page - RICOH electronics devices division |
9 / 29 page 8 • RH5RH303B Symbol Item VOUT Output Voltage VIN Input Voltage Vstart Start-up Voltage Vhold Hold-on Voltage η Efficiency IDD1 Supply Current 1 IDD2 Supply Current 2 ILX Lx Switching Current ILXleak Lx Leakage Current IEXTH EXT “H” Output Current IEXTL EXT “L” Output Current VCEH1 CE “H” Level 1 VCEL1 CE “L” Level 1 VCEH2 CE “H” Level 2 VCEL2 CE “L” Level 2 ICEH CE “H” Input Current ICEL CE “L” Input Current fosc Oscillator Frequency Maxdty Oscillator Maximum Duty Cycle tstart Soft-Start Time VLXlim VLX Voltage Limit Conditions MIN. TYP. MAX. Unit Note 2.925 3.000 3.075 V 8V IOUT=1mA,VIN : 0 →2V 0.8 0.9 V IOUT=1mA,VIN : 2 →0V 0.7 V 70 85 % To be measured at OUT pin 30 50 µA To be measured at OUT pin 25 µA VIN=3.5V VLX=0.4V 60 mA VLX=6V,VIN=3.5V 0.5 µA VEXT=VOUT–0.4V –1.5 mA VEXT=0.4V 1.5 mA VOUT ≥1.5V VOUT–0.4 V VOUT ≥1.5V 0.4 V 0.8V ≤VOUT<1.5V VOUT–0.1 V 0.8V ≤VOUT<1.5V 0.1 V CE=3V 0.5 µA CE=0V –0.5 µA 80 100 120 kHz on (VLX “L” )side 70 80 90 % Time required for the rising 0.5 2.0 ms Note1 of VOUT up to 3V. Lx Switch ON 0.65 0.8 1.0 V Note2 VOUT=3.0V Unless otherwise provided, VIN=1.8V, VSS=0V, IOUT=10mA, Topt=25˚C, and use External Circuit of Typical Application (FIG. 3). (Note 1) Soft-Start Circuit is operated in the following sequence : (1) VIN is applied. (2) The voltage (Vref) of the reference voltage unit is maintained at 0V for about 200µs after the application of VIN. (3) The output of Error Amp. is raised to “H” level during the maintenance of the voltage (Vref) of the reference voltage unit. (4) After the rise of Vref, the output of Internal Error Amp. is gradually decreased to an appropriate value by the function of Internal Phase Com pensation Circuit, and the Output Voltage is gradually increased in accordance with the gradual decrease of the output of Internal Error Amp. (Note 2) ILX is gradually increased after Lx Switch is turned ON. In accordance with the increase of ILX, VLX is also increased. When VLX reaches VLXlim, Lx Switch is turned OFF by an Lx Switch Protection Circuit. RH5RH |
Similar Part No. - RH5RH693B-T2 |
|
Similar Description - RH5RH693B-T2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |