Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608U0C-FCB0 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K9F5608U0C-FCB0
Description  512Mb/256Mb 1.8V NAND Flash Errata
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608U0C-FCB0 Datasheet(HTML) 5 Page - Samsung semiconductor

  K9F5608U0C-FCB0 Datasheet HTML 1Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 2Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 3Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 4Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 5Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 6Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 7Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 8Page - Samsung semiconductor K9F5608U0C-FCB0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
K9F5616U0C-YCB0,YIB0,PCB0,PIB0
FLASH MEMORY
4
K9F5616U0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-YCB0,YIB0,PCB0,PIB0
K9F5608U0C-DCB0,DIB0,HCB0,HIB0
K9F5608Q0C-DCB0,DIB0,HCB0,HIB0
K9F5616Q0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-VCB0,VIB0,FCB0,FIB0
63-Ball TBGA (measured in millimeters)
PACKAGE DIMENSIONS
9.00
±0.10
#A1
Side View
Top View
0.45
±0.05
4
3
2
1
A
B
C
D
G
Bottom View
63-
∅0.45±0.05
0.80 x 5= 4.00
0.80
0.08MAX
B
A
2.00
9.00
±0.10
(Datum B)
(Datum A)
0.20 M A B
0.80 x 9= 7.20
6
5
9.00
±0.10
E
F
H
K9F56XXX0C-DCB0,HCB0/DIB0,HIB0
R/B
/WE
/CE
Vss
ALE
/WP
/RE
CLE
NC
NC
NC
NC
Vcc
NC
NC
I/O0
I/O1
NC
NC
VccQ
I/O5
I/O7
Vss
I/O6
I/O4
I/O3
I/O2
Vss
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
LOCKPRE
NC
NC
N.C
N.C N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
N.C
N.C N.C
N.C
R/B
/WE
/CE
Vss
ALE
/WP
/RE
CLE
I/O7
I/O5
I/O12 IO14
Vcc
I/O10
I/O8 I/O1
I/O9
I/O0
I/O3 VccQ
I/O6 I/O15
Vss
I/O13
I/O4
I/O11
I/O2
Vss
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
LOCKPRE
NC
NC
X16
X8
PIN CONFIGURATION (TBGA)
3
4
5
6
1
2
A
B
C
D
G
E
F
H
3
4
5
6
1
2
A
B
C
D
G
E
F
H
Top View
Top View


Similar Part No. - K9F5608U0C-FCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608U0C-F SAMSUNG-K9F5608U0C-F Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608U0C-F SAMSUNG-K9F5608U0C-F Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608U0C-FCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com