Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608Q0C-HCB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F5608Q0C-HCB0
Description  512Mb/256Mb 1.8V NAND Flash Errata
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608Q0C-HCB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F5608Q0C-HCB0 Datasheet HTML 6Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 7Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 8Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 9Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 10Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 11Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 12Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 13Page - Samsung semiconductor K9F5608Q0C-HCB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
K9F5616U0C-YCB0,YIB0,PCB0,PIB0
FLASH MEMORY
9
K9F5616U0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-YCB0,YIB0,PCB0,PIB0
K9F5608U0C-DCB0,DIB0,HCB0,HIB0
K9F5608Q0C-DCB0,DIB0,HCB0,HIB0
K9F5616Q0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-VCB0,VIB0,FCB0,FIB0
PRODUCT INTRODUCTION
The K9F56XXX0C is a 264Mbit(276,824,064 bit) memory organized as 65,536 rows(pages) by 528(X8 device) or 264(X16 device)
columns. Spare eight columns are located from column address of 512~527(X8 device) or 256~263(X16 device).
A 528-byte(X8
device) or 264-word(X16 device) data register is connected to memory cell arrays accommodating data transfer between the I/O
buffers and memory during page read and page program operations.The memory array is made up of 16 cells that are serially con-
nected to form a NAND structure. Each of the 16 cells resides in a different page. A block consists of two NAND structures. A NAND
structure consists of 16 cells. Total 16896 NAND cells reside in a block. The array organization is shown in Figure 2-1,2-2. The pro-
gram and read operations are executed on a page basis, while the erase operation is executed on a block basis. The memory array
consists of 2048 separately erasable 16K-Byte(X8 device) or 8K-Word(X16 device) blocks. It indicates that the bit by bit erase oper-
ation is prohibited on the K9F56XXX0C.
The K9F56XXX0C has addresses multiplexed into 8 I/Os(X16 device case : lower 8 I/Os). K9F5616X0C allows sixteen bit wide data
transport into and out of page registers. This scheme dramatically reduces pin counts while providing high performance and allows
systems upgrades to future densities by maintaining consistency in system board design. Command, address and data are all written
through I/O
′s by bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch Enable(CLE) and
Address Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. Some commands require one
bus cycle. For example, Reset command, Read command, Status Read command, etc require just one cycle bus. Some other com-
mands like Page Program and Copy-back Program and Block Erase, require two cycles: one cycle for setup and the other cycle for
execution. The 32M-byte(X8 device) or 16M-word(X16 device) physical space requires 24 addresses, thereby requiring three cycles
for word-level addressing: column address, low row address and high row address, in that order. Page Read and Page Program
need the same three address cycles following the required command input. In Block Erase operation, however, only the two row
address cycles are used. Device operations are selected by writing specific commands into the command register. Table 1 defines
the specific commands of the K9F56XXX0C.
The device includes one block sized OTP(One Time Programmable), which can be used to increase system security or to provide
identification capabilities. Detailed information can be obtained by contact with Samsung.
Table 1. COMMAND SETS
NOTE : 1. The 01h command is available only on X8 device(K9F5608X0C).
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read 1
00h/01h(1)
-
Read 2
50h
-
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Copy-Back Program
00h
8Ah
Lock
2Ah
-
Unlock
23h
24h
Lock-tight
2Ch
-
Read Block Lock Status
7Ah
-
Block Erase
60h
D0h
Read Status
70h
-
O


Similar Part No. - K9F5608Q0C-HCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608Q0C-H SAMSUNG-K9F5608Q0C-H Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C-H SAMSUNG-K9F5608Q0C-H Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608Q0C-HCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com