Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA2197D Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KA2197D
Description  RGB ENCODER FOR NTSC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA2197D Datasheet(HTML) 1 Page - Samsung semiconductor

  KA2197D Datasheet HTML 1Page - Samsung semiconductor KA2197D Datasheet HTML 2Page - Samsung semiconductor KA2197D Datasheet HTML 3Page - Samsung semiconductor KA2197D Datasheet HTML 4Page - Samsung semiconductor KA2197D Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KA2197D
RGB ENCODER FOR NTSC
RGB ENCODER
The KA2197 is a monolithic integrated circuit designed
for RGB encoder of video system. This device contains
matrix of R-Y/B-Y, modulator, pulse generator, regulator
and built in BPF of chroma and delay line of luminance
and Y/C output using S-VHS system.
The KA2197D is suitable for video equipment.
FUNCTIONS
• Regulator
• Mixer of R-Y, B-Y
• Modulator
• Pulse generator
• Audio buffer
• X-tal oscillator
• Clamp circuit
• BPF & D.L circuit
• Y/C output
BLOCK DIAGRAM
Device
Package Operating Temperature
KA2197D
24SOP
-20
°C ~+70°C
24-SOP
ORDERING INFORMATION
1
5
7
9
10
11
12
24
23
22
21
20
19
18
17
16
15
R,G,B OUTPUT
R
G
B
VIDEO
OUTPUT
Y/C
MIXER
3.58M
BPF
REGULATOR
DL &
TRAP
R,G,B CLAMP
2
R
G
B
3
4
B-Y MODULATOR
PULSE
GEN.
13
R-Y MODULATOR
SYNC
OUT
6
8
BUFFER
+
SYNC
ADD
MATRIX
PHASE
SHIFTER
X-TAL
OSC.
14
C OUT
Y OUT


Similar Part No. - KA2197D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2192 SAMSUNG-KA2192 Datasheet
77Kb / 6P
   4 IN PUT A/V SWITCH
KA2195 SAMSUNG-KA2195 Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
logo
List of Unclassifed Man...
KA2195DTF ETC2-KA2195DTF Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
More results

Similar Description - KA2197D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2195D SAMSUNG-KA2195D Datasheet
84Kb / 7P
   RGB ENCODER FOR NTSC
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Analog Devices
AD722 AD-AD722 Datasheet
363Kb / 12P
   RGB to NTSC/PAL Encoder
REV. 0
logo
Rohm
BU1424K ROHM-BU1424K Datasheet
273Kb / 30P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD724 AD-AD724_15 Datasheet
209Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BU1425AK ROHM-BU1425AK Datasheet
307Kb / 32P
   NTSC / PAL digital RGB encoder
logo
Analog Devices
AD724 AD-AD724 Datasheet
205Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
AD724JRZ AD-AD724JRZ Datasheet
198Kb / 15P
   RGB to NTSC/PAL Encoder
REV. B
logo
Rohm
BA6592F ROHM-BA6592F Datasheet
1Mb / 15P
   RGB TO NTSC/PA L ENCODER
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com