Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

425903 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 425903
Description  12.00mm (.472") Pitch Beau??EuroMax??Right Angle PCB Header, Closed Ends, 3 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

425903 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  425903 Datasheet HTML 1Page - Molex Electronics Ltd. 425903 Datasheet HTML 2Page - Molex Electronics Ltd. 425903 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0394260003
Status:
Active
Description:
12.00mm (.472") Pitch Beau™ EuroMax™ Right Angle PCB Header, Closed Ends, 3
Circuits, with Threaded Retention Inserts
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
General
Product Family
Terminal Blocks
Series
39426
Application
Wire-to-Board
Component Type
PCB Header
Product Name
EuroMax™Pluggable
Type
Euro Block
Physical
Circuits (Loaded)
3
Color - Resin
Black
Entry Angle
N/A
Lock to Mating Part
Yes
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.169 In
PC Tail Length (mm)
4.30 mm
PCB Retention
Yes
PCB Thickness Recommended (in)
0.125 In
PCB Thickness Recommended (mm)
3.20 mm
Panel Mount
No
Pitch - Mating Interface (in)
0.472 In
Pitch - Mating Interface (mm)
12.00 mm
Plating min: Mating (µin)
150
Plating min: Mating (µm)
3.75
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.75
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Temperature Range - Operating
130°C
Termination Interface: Style
Through Hole
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
85A
Voltage - Maximum
600V
Material Info
Old Part Number
425903
Reference - Drawing Numbers
Sales Drawing
SD-39426-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39426Series
Mates With
39421 Plugs


Similar Part No. - 425903

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
425903 MOLEX11-425903 Datasheet
40Kb / 2P
   12.00mm Pitch Beau EuroMax Right Angle PCB Header
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com