Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F5608Q0C-DCB0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K9F5608Q0C-DCB0
Description  512Mb/256Mb 1.8V NAND Flash Errata
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F5608Q0C-DCB0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K9F5608Q0C-DCB0 Datasheet HTML 5Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 6Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 7Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 8Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 9Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 10Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 11Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 12Page - Samsung semiconductor K9F5608Q0C-DCB0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
K9F5616U0C-YCB0,YIB0,PCB0,PIB0
FLASH MEMORY
8
K9F5616U0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-YCB0,YIB0,PCB0,PIB0
K9F5608U0C-DCB0,DIB0,HCB0,HIB0
K9F5608Q0C-DCB0,DIB0,HCB0,HIB0
K9F5616Q0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-VCB0,VIB0,FCB0,FIB0
256Word
8 Word
Figure 2-2. K9F5616X0C (X16) ARRAY ORGANIZATION
NOTE : Column Address : Starting Address of the Register.
* L must be set to "Low".
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
I/O8 to 15
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
L*
2nd Cycle
A9
A10
A11
A12
A13
A14
A15
A16
L*
3rd Cycle
A17
A18
A19
A20
A21
A22
A23
A24
L*
Page Register
(=256 Words)
64K Pages
(=2,048 Blocks)
256 Word
16 bit
8 Word
1 Block =32 Pages
= (8K + 256) Word
I/O 0 ~ I/O 15
1 Page = 264 Word
1 Block = 264 Word x 32 Pages
= (8K + 256) Word
1 Device = 264Words x 32Pages x 2048 Blocks
= 264 Mbits
Column Address
Row Address
(Page Address)
Page Register
Figure 1-2. K9F5616X0C (X16) FUNCTIONAL BLOCK DIAGRAM
VCC
X-Buffers
256M + 8M Bit
Command
NAND Flash
ARRAY
(256 + 8)Word x 65536
Y-Gating
Page Register & S/A
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A9 - A24
A0 - A7
Command
CE
RE
WE
WP
I/0 0
I/0 15
VCC/VCCQ
VSS
CLE ALE


Similar Part No. - K9F5608Q0C-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608Q0C-D SAMSUNG-K9F5608Q0C-D Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608Q0C-D SAMSUNG-K9F5608Q0C-D Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F5608Q0C-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com