Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1G08U0M-FCB0 Datasheet(PDF) 18 Page - Samsung semiconductor

Part # K9F1G08U0M-FCB0
Description  1Gb Gb 1.8V NAND Flash Errata
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1G08U0M-FCB0 Datasheet(HTML) 18 Page - Samsung semiconductor

Back Button K9F1G08U0M-FCB0 Datasheet HTML 14Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 15Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 16Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 17Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 18Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 19Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 20Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 21Page - Samsung semiconductor K9F1G08U0M-FCB0 Datasheet HTML 22Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
FLASH MEMORY
17
SAMSUNG
K9F1G08Q0M-YCB0,YIB0,PCB0,PIB0 K9F1G16Q0M-YCB0,YIB0,PCB0,PIB0
K9F1G08U0M-YCB0,YIB0,PCB0,PIB0 K9F1G16U0M-YCB0,YIB0,PCB0,PIB0
K9F1G08U0M-VCB0,VIB0,FCB0,FIB0
K9F1G16X0M : I/O8~15 must be set to "0"
K9F1G16X0M : I/O8~15 must be set to "0"
* Command Latch Cycle
CE
WE
CLE
ALE
Command
* Address Latch Cycle
tCLS
tCS
tCLH
tCH
tWP
tALS
tALH
tDS
tDH
CE
WE
CLE
ALE
Col. Add1
tCLS
tCS
tWC
tWP
tALS
tDS
tDH
tALH
tALS
tWH
tWC
tWP
tDS
tDH
tALH
tALS
tWH
tWC
tWP
tDS
tDH
tALH
tALS
tWH
tALH
tDS
tDH
tWP
NOTE
Device
I/O
DATA
ADDRESS
I/Ox
Data In/Out
Col. Add1
Col. Add2
Row Add1
Row Add2
K9F1G08X0B(X8 device)
I/O 0 ~ I/O 7
~2112byte
A0~A7
A8~A11
A12~A19
A20~A27
K9F1G16X0B(X16 device)
I/O 0 ~ I/O 15
~1056word
A0~A7
A8~A10
A11~A18
A19~A26
I/Ox
I/Ox
Col. Add2
Row Add1
Row Add2


Similar Part No. - K9F1G08U0M-FCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1G08U0M SAMSUNG-K9F1G08U0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1G08U0M-FCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
Elite Semiconductor Mem...
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
   8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG0S3HRAIG KIOXIA-TC58CYG0S3HRAIG Datasheet
2Mb / 43P
   1Gb 1.8V Serial Interface NAND
TC58CYG0S3HRAIJ KIOXIA-TC58CYG0S3HRAIJ Datasheet
1Mb / 49P
   1Gb 1.8V Serial Interface NAND
logo
Samsung semiconductor
K9F1G08U0E SAMSUNG-K9F1G08U0E Datasheet
436Kb / 38P
   1Gb E-die NAND Flash
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com