Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T0808C1D-RP70 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K6T0808C1D-RP70
Description  32Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T0808C1D-RP70 Datasheet(HTML) 9 Page - Samsung semiconductor

  K6T0808C1D-RP70 Datasheet HTML 1Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 2Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 3Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 4Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 5Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 6Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 7Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 8Page - Samsung semiconductor K6T0808C1D-RP70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
K6T0808C1D Family
CMOS SRAM
Revision 1.0
November 1997
PACKAGE DIMENSIONS
28 PIN THIN SMALL OUTLINE PACKAGE TYPE1 (0813.4F)
#28
1.00
± 0.10
0.039
± 0.004
#1
13.40
± 0.20
0.528
± 0.008
#15
#14
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.55
0.0217
0.425
(
)
0.017
MIN
0.05
0.002
MAX
1.20
0.047
#28
1.00
± 0.10
0.039
± 0.004
#1
0.50
(
)
0.020
11.80
± 0.10
0.465
± 0.004
0.45 ~0.75
0.018 ~0.030
13.40
± 0.20
0.528
± 0.008
#15
#14
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
0.425
(
)
0.017
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
0.55
0.0217
+0.10
0.20
-0.05
+0.004
0.008
-0.002
28 PIN THIN SMALL OUTLINE PACKAGE TYPE1 (0813.4R)
0.50
(
)
0.020
11.80
± 0.10
0.465
± 0.004
0.45 ~0.75
0.018 ~0.030
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
TYP
0.25
0.010
Units: millimeter(inch)


Similar Part No. - K6T0808C1D-RP70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T0808C1D-RP70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62V256C SAMSUNG-KM62V256C Datasheet
90Kb / 12P
   32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6E0808C1C-C SAMSUNG-K6E0808C1C-C Datasheet
168Kb / 8P
   32Kx8 Bit High Speed CMOS Static RAM
logo
NanoAmp Solutions, Inc.
ES62UL256 NANOAMP-ES62UL256 Datasheet
57Kb / 6P
   32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
logo
Weida Semiconductor, In...
WCMS0808C1X WEIDA-WCMS0808C1X Datasheet
222Kb / 10P
   32Kx8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com