Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T4008C1C-GP55 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K6T4008C1C-GP55
Description  512Kx8 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008C1C-GP55 Datasheet(HTML) 7 Page - Samsung semiconductor

  K6T4008C1C-GP55 Datasheet HTML 1Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 2Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 3Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 4Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 5Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 6Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 7Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 8Page - Samsung semiconductor K6T4008C1C-GP55 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
K6T4008C1C Family
CMOS SRAM
Revision 1.0
April 1999
7
TIMING WAVEFORM OF WRITE CYCLE(1) (WE Controlled)
Address
CS
tCW(2)
tWR(4)
TIMING WAVEFORM OF WRITE CYCLE(2) (CS Controlled)
Address
CS
tWC
tWR(4)
tAS(3)
tWP(1)
tDW
tDH
tOW
tWHZ
Data Undefined
Data Valid
WE
Data in
Data out
tDW
tDH
Data Valid
WE
Data in
Data out
High-Z
High-Z
tWC
tAW
tAS(3)
tCW(2)
tWP(1)
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS and a low WE. A write begins at the latest transition among CS going Low and WE
going low : A write end at the earliest transition among CS going high and WE going high, tWP is measured from the begining of write
to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high.
DATA RETENTION WAVE FORM
CS controlled
VCC
4.5V
2.2V
VDR
CS
GND
Data Retention Mode
CS
≥VCC - 0.2V
tSDR
tRDR


Similar Part No. - K6T4008C1C-GP55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-B SAMSUNG-K6T4008C1B-B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB55 SAMSUNG-K6T4008C1B-DB55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB70 SAMSUNG-K6T4008C1B-DB70 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DL55 SAMSUNG-K6T4008C1B-DL55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008C1C-GP55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
White Electronic Design...
EDI8F8512C WEDC-EDI8F8512C Datasheet
356Kb / 9P
   512Kx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
KM684000L SAMSUNG-KM684000L Datasheet
330Kb / 7P
   512Kx8 BIT HIGH HIGH SPEED CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1464 CYPRESS-CYM1464 Datasheet
200Kb / 8P
   512Kx8 Static RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com