Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F3208W0A-TCB0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K9F3208W0A-TCB0
Description  4M x 8 Bit NAND Flash Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F3208W0A-TCB0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K9F3208W0A-TCB0 Datasheet HTML 6Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 7Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 8Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 9Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 10Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 11Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 12Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 13Page - Samsung semiconductor K9F3208W0A-TCB0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
K9F3208W0A-TCB0, K9F3208W0A-TIB0
FLASH MEMORY
10
NAND Flash Technical Notes (Continued)
Program Flow Chart
Start
I/O 6 = 1 ?
Write 00h
I/O 0 = 0 ?
No
*
If ECC is used, this verification
Write 80h
Write Address
Write Data
Write 10h
Read Status Register
Write Address
Wait for tR Time
Verify Data
No
Program Completed
or R/B = 1 ?
Program Error
Yes
No
Yes
*
Program Error
Yes
: If program operation results in an error, map out
the block including the page in error and copy the
target data to another block.
*
operation is not needed.
Error in write or read operation
Over its life time, the additional invalid blocks may develop with NAND Flash memory. Refer to the qualification report for the actual
data.The following possible failure modes should be considered to implement a highly reliable system. In the case of status read fail-
ure after erase or program, block replacement should be done. Because program status fail during a page program does not affect
the data of the other pages in the same block, block replacement can be executed with a page-sized buffer by finding an erased
empty block and reprogramming the current target data and copying the rest of the replaced block. To improve the efficiency of mem-
ory space, it is recommended that the read or verification failure due to single bit error be reclaimed by ECC without any block
replacement. The said additional block failure rate does not include those reclaimed blocks.
Failure Mode
Detection and Countermeasure sequence
Write
Erase Failure
Status Read after Erase --> Block Replacement
Program Failure
Status Read after Program --> Block Replacement
Read back ( Verify after Program) --> Block Replacement
or ECC Correction
Read
Single Bit Failure
Verify ECC -> ECC Correction
ECC
: Error Correcting Code --> Hamming Code etc.
Example) 1bit correction & 2bit detection


Similar Part No. - K9F3208W0A-TCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208B0B SAMSUNG-K9F1208B0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208B0C SAMSUNG-K9F1208B0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9F1208B0C-P SAMSUNG-K9F1208B0C-P Datasheet
685Kb / 38P
   FLASH MEMORY
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A-P SAMSUNG-K9F1208D0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F3208W0A-TCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29V32000TS SAMSUNG-KM29V32000TS Datasheet
1Mb / 25P
   4M X 8 BIT NAND FLASH MEMORY
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
   FLASH MEMORY 4M (512K x 8) BIT
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
K9F1608W0A- SAMSUNG-K9F1608W0A- Datasheet
443Kb / 25P
   2M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com