Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2816Q0C-DCB0 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K9F2816Q0C-DCB0
Description  16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2816Q0C-DCB0 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K9F2816Q0C-DCB0 Datasheet HTML 3Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 4Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 5Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 6Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 7Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 8Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 9Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 10Page - Samsung semiconductor K9F2816Q0C-DCB0 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
K9F2816U0C-YCB0,YIB0
FLASH MEMORY
7
K9F2816U0C-DCB0,DIB0
K9F2808U0C-YCB0,YIB0
K9F2808U0C-DCB0,DIB0
K9F2808Q0C-DCB0,DIB0
K9F2816Q0C-DCB0,DIB0
K9F2808U0C-VCB0,VIB0
512Byte
16 Byte
Figure 1-1. K9F2808X0C (X8) FUNCTIONAL BLOCK DIAGRAM
Figure 2-1. K9F2808X0C (X8) ARRAY ORGANIZATION
NOTE : Column Address : Starting Address of the Register.
00h Command(Read) : Defines the starting address of the 1st half of the register.
01h Command(Read) : Defines the starting address of the 2nd half of the register.
* A8 is set to "Low" or "High" by the 00h or 01h Command.
* The device ignores any additional input of address cycles than reguired.
* L must be set to "Low".
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A9
A10
A11
A12
A13
A14
A15
A16
3rd Cycle
A17
A18
A19
A20
A21
A22
A23
L*
VCC
X-Buffers
128M + 4M Bit
Command
NAND Flash
ARRAY
(512 + 16)Byte x 32768
Y-Gating
Page Register & S/A
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
Output
Driver
VSS
A9 - A23
A0 - A7
Command
CE
RE
WE
WP
I/0 0
I/0 7
VCC/VCCQ
VSS
A8
1st half Page Register
(=256 Bytes)
2nd half Page Register
(=256 Bytes)
32K Pages
(=1,024 Blocks)
512 Byte
8 bit
16 Byte
1 Block =32 Pages
= (16K + 512) Byte
I/O 0 ~ I/O 7
1 Page = 528 Byte
1 Block = 528 Byte x 32 Pages
= (16K + 512) Byte
1 Device = 528Bytes x 32Pages x 1024 Blocks
= 132 Mbits
Column Address
Row Address
(Page Address)
Page Register
CLE ALE


Similar Part No. - K9F2816Q0C-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2816Q0C-HCB0 SAMSUNG-K9F2816Q0C-HCB0 Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
K9F2816Q0C-HIB0 SAMSUNG-K9F2816Q0C-HIB0 Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2816Q0C-DCB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408Q0C SAMSUNG-K9F6408Q0C Datasheet
499Kb / 29P
   8M x 8 Bit Bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com