Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42375-4200 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 42375-4200
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Vertical, 5 Circuits
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42375-4200 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 42375-4200 Datasheet HTML 2Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 3Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 4Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 5Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 6Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 7Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 8Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 9Page - Molex Electronics Ltd. 42375-4200 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
42375
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2009-1249
T15
DATE:
12/2/2008
TITLE:
KK 100 HEADER ASSY
FLAT VERTICAL
BREAKAWAY
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42375-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-42375-0142/0176
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ATB208
PIN LENGTH: L
.530 / 13.46
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK
PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4024 A-42375-0142
20
22-28-4204 A-42375-0160
03
22-28-4034 A-42375-0143
21
22-28-4214 A-42375-0161
04
22-28-4044 A-42375-0144
22
22-28-4224 A-42375-0162
05
22-28-4054 A-42375-0145
23
22-28-4234 A-42375-0163
06
22-28-4064 A-42375-0146
24
22-28-4244 A-42375-0164
07
22-28-4074 A-42375-0147
25
22-28-4254 A-42375-0165
08
22-28-4084 A-42375-0148
26
22-28-4264 A-42375-0166
09
22-28-4094 A-42375-0149
27
22-28-4274 A-42375-0167
10
22-28-4104 A-42375-0150
28
22-28-4284 A-42375-0168
11
22-28-4114 A-42375-0151
29
22-28-4294 A-42375-0169
12
22-28-4124 A-42375-0152
30
22-28-4304 A-42375-0170
13
22-28-4134 A-42375-0153
31
22-28-4314 A-42375-0171
14
22-28-4144 A-42375-0154
32
22-28-4324 A-42375-0172
15
22-28-4154 A-42375-0155
33
22-28-4334 A-42375-0173
16
22-28-4164 A-42375-0156
34
22-28-4344 A-42375-0174
17
22-28-4174 A-42375-0157
35
22-28-4354 A-42375-0175
18
22-28-4184 A-42375-0158
36
22-28-4364 A-42375-0176
19
22-28-4194 A-42375-0159
ENG. NO: A-42375-0177/0211
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ATB228
PIN LENGTH: L
.530 / 13.46
MATING LENGTH: M
.320 / 8.13
GOLD POINT: G
.140 / 3.56
PC TAIL LENGTH: P
.120 / 3.05
TIN: T
.135 / 3.43
CKTS:
2-36
KINKS:
NO
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-4027
A-42375-0177
20
22-28-4207 A-42375-0195
03
22-28-4037
A-42375-0178
21
22-28-4217 A-42375-0196
04
22-28-4047
A-42375-0179
22
22-28-4227 A-42375-0197
05
22-28-4057
A-42375-0180
23
22-28-4237 A-42375-0198
06
22-28-4067
A-42375-0181
24
22-28-4247 A-42375-0199
07
22-28-4077
A-42375-0182
25
22-28-4257 A-42375-0200
08
22-28-4087
A-42375-0183
26
22-28-4267 A-42375-0201
09
22-28-4097
A-42375-0184
27
22-28-4277 A-42375-0202
10
22-28-4107
A-42375-0185
28
22-28-4287 A-42375-0203
11
22-28-4117
A-42375-0186
29
22-28-4297 A-42375-0204
12
22-28-4127
A-42375-0187
30
22-28-4307 A-42375-0205
13
22-28-4137
A-42375-0188
31
22-28-4317 A-42375-0206
14
22-28-4147
A-42375-0189
32
22-28-4327 A-42375-0207
15
22-28-4157
A-42375-0190
33
22-28-4337 A-42375-0208
16
22-28-4167
A-42375-0191
34
22-28-4347 A-42375-0209
17
22-28-4177
A-42375-0192
35
22-28-4357 A-42375-0210
18
22-28-4187
A-42375-0193
36
22-28-4367 A-42375-0211
19
22-28-4197
A-42375-0194


Similar Part No. - 42375-4200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42375-0002 MOLEX2-42375-0002 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240)
42375-0002 MOLEX11-42375-0002 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm
42375-0003 MOLEX2-42375-0003 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240)
42375-0003 MOLEX11-42375-0003 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 3 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm
42375-0004 MOLEX2-42375-0004 Datasheet
526Kb / 36P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, 4 Circuits, Tin (Sn) Plating, Mating Pin Length 6.09mm (.240)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com