Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2808U0A- Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K9F2808U0A-
Description  16M x 8 Bit NAND Flash Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808U0A- Datasheet(HTML) 4 Page - Samsung semiconductor

  K9F2808U0A- Datasheet HTML 1Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 2Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 3Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 4Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 5Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 6Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 7Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 8Page - Samsung semiconductor K9F2808U0A- Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
K9F2808U0A-YCB0, K9F2808U0A-YIB0
FLASH MEMORY
4
PRODUCT INTRODUCTION
The K9F2808U0A is a 132Mbit(138,412,032 bit) memory organized as 32,768 rows(pages) by 528 columns. Spare sixteen columns
are located from column address of 512 to 527. A 528-byte data register is connected to memory cell arrays accommodating data
transfer between the I/O buffers and memory during page read and page program operations. The memory array is made up of 16
cells that are serially connected to form a NAND structure. Each of the 16 cells resides in a different page. A block consists of the 32
pages formed by one NAND structures, totaling 8448 NAND structures of 16 cells. The array organization is shown in Figure 2. The
program and read operations are executed on a page basis, while the erase operation is executed on a block basis. The memory
array consists of 1024 separately erasable 16K-byte blocks. It indicates that the bit by bit erase operation is prohibited on the
K9F2808U0A.
The K9F2808U0A has addresses multiplexed into 8 I/O
′s. This scheme dramatically reduces pin counts and allows systems
upgrades to future densities by maintaining consistency in system board design. Command, address and data are all written through
I/O
′s by bringing WE to low while CE is low. Data is latched on the rising edge of WE. Command Latch Enable(CLE) and Address
Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. All commands require one bus cycle
except for Block Erase command which requires two cycles: one cycle for erase-setup and another for erase-execution after block
address loading. The 16M byte physical space requires 24 addresses, thereby requiring three cycles for byte-level addressing: col-
umn address, low row address and high row address, in that order. Page Read and Page Program need the same three address
cycles following the required command input. In Block Erase operation, however, only the two row address cycles are used. Device
operations are selected by writing specific commands into the command register. Table 1 defines the specific commands of the
K9F2808U0A.
Table 1. COMMAND SETS
NOTE : 1. The 00h command defines starting address of the 1st half of registers.
The 01h command defines starting address of the 2nd half of registers.
After data access on the 2nd half of register by the 01h command, the status pointer is
automatically moved to the 1st half register(00h) on the next cycle.
2. The 50h command is valid only when the GND input(pin #6) is low level.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read 1
00h/01h(1)
-
Read 2
50h(2)
-
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Block Erase
60h
D0h
Read Status
70h
-
O


Similar Part No. - K9F2808U0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0B-D SAMSUNG-K9F2808U0B-D Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-DCB0 SAMSUNG-K9F2808U0B-DCB0 Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-DIB0 SAMSUNG-K9F2808U0B-DIB0 Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-V SAMSUNG-K9F2808U0B-V Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808U0B-VCB0 SAMSUNG-K9F2808U0B-VCB0 Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2808U0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0B SAMSUNG-K9F2808Q0B Datasheet
304Kb / 29P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com