Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F2808Q0B-D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K9F2808Q0B-D
Description  16M x 8 Bit NAND Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F2808Q0B-D Datasheet(HTML) 2 Page - Samsung semiconductor

  K9F2808Q0B-D Datasheet HTML 1Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 2Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 3Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 4Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 5Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 6Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 7Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 8Page - Samsung semiconductor K9F2808Q0B-D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
FLASH MEMORY
2
K9F2808U0B-YCB0,YIB0
K9F2808U0B-DCB0,DIB0
K9F2808Q0B-DCB0,DIB0
K9F2808U0B-VCB0,VIB0
Revision History
The attached datasheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions about device. If you have
any questions, please contact the SAMSUNG branch office near you.
Revision No.
0.4
0.5
0.6
Remark
Preliminary
History
1. IOL(R/B) of 1.8V device is changed.
-min. Value: 7mA -->3mA
-typ. Value: 8mA -->4mA
2. AC parameter is changed.
tRP(min.) : 30ns --> 25ns
1. Parameters are changed in 1.8V part(K9F2808Q0B) .
- tCH is changed from 15ns to 20ns
- tCLH is changed from 15ns to 20ns
- tALH is changed from 15ns to 20ns
- tDH is changed from 15ns to 20ns
1. Parameters are changed in 1.8V part(K9F2808Q0B) .
- tRP is changed from 25ns to 35ns
- tWB is changed from 100ns to 150ns
- tREA is changed from 40ns to 45ns
Draft Date
Nov 5th 2001
Feb 15th 2002
May 3rd 2002
Note : For more detailed features and specifications including FAQ, please refer to Samsung’s Flash web site.
http://www.intl.samsungsemi.com/Memory/Flash/datasheets.html


Similar Part No. - K9F2808Q0B-D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808Q0C-DCB0 SAMSUNG-K9F2808Q0C-DCB0 Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F2808Q0C-HCB0 SAMSUNG-K9F2808Q0C-HCB0 Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C-HIB0 SAMSUNG-K9F2808Q0C-HIB0 Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
More results

Similar Description - K9F2808Q0B-D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808U0C SAMSUNG-K9F2808U0C Datasheet
774Kb / 31P
   16M x 8 Bit NAND Flash Memory
K9F2808U0A- SAMSUNG-K9F2808U0A- Datasheet
354Kb / 26P
   16M x 8 Bit NAND Flash Memory
KM29U128T SAMSUNG-KM29U128T Datasheet
481Kb / 26P
   16M x 8 Bit NAND Flash Memory
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
K9F5608Q0C SAMSUNG-K9F5608Q0C Datasheet
684Kb / 42P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F5608UOC SAMSUNG-K9F5608UOC Datasheet
680Kb / 41P
   32M x 8 Bit 16M x 16 Bit NAND Flash Memory
K9F5608U0B SAMSUNG-K9F5608U0B Datasheet
604Kb / 34P
   32M x 8 Bit , 16M x 16 Bit NAND Flash Memory
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com