Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

387536704 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 387536704
Description  Wrap-Around Cover Kit For 9.53mm (.375") Pitch Tri-Barrier Terminal Strips, 4 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX5 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

387536704 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  387536704 Datasheet HTML 1Page - Molex Electronics Ltd. 387536704 Datasheet HTML 2Page - Molex Electronics Ltd. 387536704 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0387536704
Status:
Active
Description:
Wrap-Around Cover Kit For 9.53mm (.375") Pitch Tri-Barrier Terminal Strips, 4 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
38753
Component Type
Cover Kit
Product Name
N/A
Physical
Circuits (Loaded)
4
Color - Resin
Black
Lock to Mating Part
Yes
Material - Resin
Polyester Alloy
Packaging Type
Bag
Temperature Range - Operating
-40°C to +105°C
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
CW0504
Reference - Drawing Numbers
Sales Drawing
SD-38753-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
38753Series
This document was generated on 03/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn