Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1608W0A- Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K9F1608W0A-
Description  2M x 8 Bit NAND Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1608W0A- Datasheet(HTML) 3 Page - Samsung semiconductor

  K9F1608W0A- Datasheet HTML 1Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 2Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 3Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 4Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 5Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 6Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 7Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 8Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
K9F1608W0A-TCB0, K9F1608W0A-TIB0
FLASH MEMORY
3
256B Column
8B Column
Figure 1. FUNCTIONAL BLOCK DIAGRAM
Figure 2. ARRAY ORGANIZATION
NOTE : A12 to A20 : Block Address
* : X can be VIL or VIH.
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
1st Cycle
A0
A1
A2
A3
A4
A5
A6
A7
2nd Cycle
A8
A9
A10
A11
A12
A13
A14
A15
3rd Cycle
A16
A17
A18
A19
A20
*X
*X
*X
X-Buffers
16M + 512K Bit
Command
NAND Flash
ARRAY
(256 + 8)Byte x 8192
Y-Gating
Page Register & S/A
I/O Buffers & Latches
Latches
& Decoders
Y-Buffers
Latches
& Decoders
Register
Control Logic
& High Voltage
Generator
Global Buffers
A8 - A20
A0 - A7
Command
CE
RE
WE
CLE ALE WP
I/0 0
I/0 7
16M : 8K Row
(=512 Block)
256Byte
8 bit
8Byte
1 Block(=16 Row)
(4K + 128)Byte
I/O 0 ~ I/O 7
1 Page = 264 Byte
1 Block = 264 B x 16 Pages
= (4K + 128) Bytes
1 Device = 264B x 16Pages x 512 Blocks
= 16.5 Mbits
Column Address
Row Address
(Page Address)
Page Register
VccQ
Vss


Similar Part No. - K9F1608W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208B0B SAMSUNG-K9F1208B0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208B0C SAMSUNG-K9F1208B0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9F1208B0C-P SAMSUNG-K9F1208B0C-P Datasheet
685Kb / 38P
   FLASH MEMORY
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A-P SAMSUNG-K9F1208D0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1608W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29V16000AR SAMSUNG-KM29V16000AR Datasheet
1Mb / 26P
   2M X 8 BIT NAND FLASH MEMORY
KM29V16000ARS SAMSUNG-KM29V16000ARS Datasheet
1Mb / 24P
   2M X 8 BIT NAN FLASH MEMORY
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com