Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1608W0A- Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K9F1608W0A-
Description  2M x 8 Bit NAND Flash Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1608W0A- Datasheet(HTML) 5 Page - Samsung semiconductor

  K9F1608W0A- Datasheet HTML 1Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 2Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 3Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 4Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 5Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 6Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 7Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 8Page - Samsung semiconductor K9F1608W0A- Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
K9F1608W0A-TCB0, K9F1608W0A-TIB0
FLASH MEMORY
5
PIN DESCRIPTION
Command Latch Enable(CLE)
The CLE input controls the path activation for commands sent to the command register. When active high, commands are latched
into the command register through the I/O ports on the rising edge of the WE signal.
Address Latch Enable(ALE)
The ALE input controls the path activation for address and input data to the internal address/data register.
Addresses are latched on the rising edge of WE with ALE high, and input data is latched when ALE is low.
Chip Enable(CE)
The CE input is the device selection control. When CE goes high during a read operation the device is returned to standby mode.
However, when the device is in the busy state during program or erase, CE high is ignored, and does not return the device to
standby mode.
Write Enable(WE)
The WE input controls writes to the I/O port. Commands, address and data are latched on the rising edge of the WE pulse.
Read Enable(RE)
The RE input is the serial data-out control, and when active drives the data onto the I/O bus. Data is valid tREA after the falling edge
of RE which also increments the internal column address counter by one.
I/O Port : I/O 0 ~ I/O 7
The I/O pins are used to input command, address and data, and to outputs data during read operations. The I/O pins float to high-z
when the chip is deselected or the outputs are disabled.
Write Protect (WP)
The WP pin provides inadvertent write/erase protection during power transitions. The internal high voltage generator is reset when
the WP pin is active low.
Ready/Busy(R/B)
The R/B output indicates the status of the device operation. When low, it indicates that a program, erase or random read operation is
in process and return to high state upon completion. It is an open drain output and does not float to high-z condition when the chip is
deselected or outputs are disabled.
Power Line(VCC & VCCQ)
The VCCQ is the power supply for I/O interface logic. It is electrically isolated from main power line(VCC=2.7~5.5V) for supporting 5V
tolerant I/O with 5V power supply at VCCQ.


Similar Part No. - K9F1608W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208B0B SAMSUNG-K9F1208B0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208B0C SAMSUNG-K9F1208B0C Datasheet
824Kb / 38P
   64M x 8 Bits NAND Flash Memory
K9F1208B0C-P SAMSUNG-K9F1208B0C-P Datasheet
685Kb / 38P
   FLASH MEMORY
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A-P SAMSUNG-K9F1208D0A-P Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
More results

Similar Description - K9F1608W0A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM29V16000AR SAMSUNG-KM29V16000AR Datasheet
1Mb / 26P
   2M X 8 BIT NAND FLASH MEMORY
KM29V16000ARS SAMSUNG-KM29V16000ARS Datasheet
1Mb / 24P
   2M X 8 BIT NAN FLASH MEMORY
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
DS_K9K1208U0A SAMSUNG-DS_K9K1208U0A Datasheet
359Kb / 27P
   64M x 8 Bit NAND Flash Memory
K9F1208Q0B SAMSUNG-K9F1208Q0B Datasheet
767Kb / 45P
   64M x 8 Bit NAND Flash Memory
K9F1208R0B SAMSUNG-K9F1208R0B Datasheet
1Mb / 45P
   64M x 8 Bit NAND Flash Memory
K9F6408U0A-TCB0 SAMSUNG-K9F6408U0A-TCB0 Datasheet
347Kb / 26P
   8M x 8 Bit NAND Flash Memory
KM29W040AT SAMSUNG-KM29W040AT Datasheet
359Kb / 22P
   512K x 8 bit NAND Flash Memory
K9F2808U0M- SAMSUNG-K9F2808U0M- Datasheet
347Kb / 26P
   16M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com