Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41672-0007 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 41672-0007
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 8 Circuits
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41672-0007 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  41672-0007 Datasheet HTML 1Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 2Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 3Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 4Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 5Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 6Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 7Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 8Page - Molex Electronics Ltd. 41672-0007 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-41672-B08A208
Reference - Drawing Numbers
Product Specification
PS-08-50
Sales Drawing
SD-41672-001, SD-41672-002
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 41672-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41672-0007 MOLEX11-41672-0007 Datasheet
64Kb / 2P
   KK 396 Breakaway Header, Right-Angle with Friction Lock, 8 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com