Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9F1208Q0A Datasheet(PDF) 31 Page - Samsung semiconductor

Part # K9F1208Q0A
Description  512Mb/256Mb 1.8V NAND Flash Errata
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9F1208Q0A Datasheet(HTML) 31 Page - Samsung semiconductor

Back Button K9F1208Q0A Datasheet HTML 27Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 28Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 29Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 30Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 31Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 32Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 33Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 34Page - Samsung semiconductor K9F1208Q0A Datasheet HTML 35Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
K9F5616U0C-YCB0,YIB0,PCB0,PIB0
FLASH MEMORY
30
K9F5616U0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-YCB0,YIB0,PCB0,PIB0
K9F5608U0C-DCB0,DIB0,HCB0,HIB0
K9F5608Q0C-DCB0,DIB0,HCB0,HIB0
K9F5616Q0C-DCB0,DIB0,HCB0,HIB0
K9F5608U0C-VCB0,VIB0,FCB0,FIB0
Figure 12. Block Erase Operation
BLOCK ERASE
The Erase operation is done on a block basis. Block address loading is accomplished in two cycles initiated by an Erase Setup com-
mand(60h). Only address A14 to A24 is valid while A9 to A13 is ignored. The Erase Confirm command(D0h) following the block
address loading initiates the internal erasing process. This two-step sequence of setup followed by execution command ensures that
memory contents are not accidentally erased due to external noise conditions.
At the rising edge of WE after the erase confirm command input, the internal write controller handles erase and erase-verify. When
the erase operation is completed, the Write Status Bit(I/O 0) may be checked. Figure 12 details the sequence.
60h
Block Add. : A9 ~ A24
R/B
Address Input(2Cycle)
I/O0
Pass
D0h
70h
Fail
tBERS
READ STATUS
The device contains a Status Register which may be read to find out whether program or erase operation is completed, and whether
the program or erase operation is completed successfully. After writing 70h command to the command register, a read cycle outputs
the content of the Status Register to the I/O pins on the falling edge of CE or RE, whichever occurs last. This two line control allows
the system to poll the progress of each device in multiple memory connections even when R/B pins are common-wired. RE or CE
does not need to be toggled for updated status. Refer to table 4 for specific Status Register definitions. The command register
remains in Status Read mode until further commands are issued to it. Therefore, if the status register is read during a random read
cycle, a read command(00h or 50h) should be given before sequential page read cycle.
Table4. Read Status Register Definition
I/O #
Status
Definition
I/O 0
Program / Erase
"0" : Successful Program / Erase
"1" : Error in Program / Erase
I/O 1
Reserved for Future
Use
"0"
I/O 2
"0"
I/O 3
"0"
I/O 4
"0"
I/O 5
"0"
I/O 6
Device Operation
"0" : Busy
"1" : Ready
I/O 7
Write Protect
"0" : Protected
"1" : Not Protected
I/O 8~15
Not use
Don’t care
I/Ox


Similar Part No. - K9F1208Q0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
More results

Similar Description - K9F1208Q0A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A-XXB0 SAMSUNG-K9F1208Q0A-XXB0 Datasheet
807Kb / 45P
   512Mb/256Mb 1.8V NAND Flash Errata
K9F1G08Q0M-YCB0 SAMSUNG-K9F1G08Q0M-YCB0 Datasheet
713Kb / 38P
   1Gb Gb 1.8V NAND Flash Errata
logo
Infineon Technologies A...
S26HS256T INFINEON-S26HS256T Datasheet
1Mb / 166P
   256Mb/512Mb/1Gb SEMPER??Flash HYPERBUS??interface, 1.8V/3.0V
002-12337 Rev. *Y
logo
Samsung semiconductor
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
logo
Micron Technology
PF48F4400P0VBQEK MICRON-PF48F4400P0VBQEK Datasheet
1Mb / 95P
   256Mb and 512Mb (256Mb/256Mb), P30-65nm
logo
Samsung semiconductor
K5D5657ACM SAMSUNG-K5D5657ACM Datasheet
1Mb / 74P
   256Mb NAND and 256Mb Mobile SDRAM
logo
STMicroelectronics
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
   1.8V, 2G/4G-bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN71SN10F EON-EN71SN10F Datasheet
4Mb / 97P
   1.8V NAND Flash 1.8V Mobile DDR SDRAM Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com