Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K6T4008V1C Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. K6T4008V1C
Description  512Kx8 bit Low Power and Low Voltage CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4008V1C Datasheet(HTML) 3 Page - Samsung semiconductor

  K6T4008V1C Datasheet HTML 1Page - Samsung semiconductor K6T4008V1C Datasheet HTML 2Page - Samsung semiconductor K6T4008V1C Datasheet HTML 3Page - Samsung semiconductor K6T4008V1C Datasheet HTML 4Page - Samsung semiconductor K6T4008V1C Datasheet HTML 5Page - Samsung semiconductor K6T4008V1C Datasheet HTML 6Page - Samsung semiconductor K6T4008V1C Datasheet HTML 7Page - Samsung semiconductor K6T4008V1C Datasheet HTML 8Page - Samsung semiconductor K6T4008V1C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
K6T4008V1C, K6T4008U1C Family
CMOS SRAM
Revision 1.0
January 1999
3
PRODUCT LIST
Commercial Temp Products(0~70
°C)
Industrial Temp Products(-40~85
°C)
Part Name
Function
Part Name
Function
K6T4008V1C-GB70
K6T4008V1C-GB85
K6T4008V1C-VB70
K6T4008V1C-VB85
K6T4008V1C-MB70
K6T4008V1C-MB85
K6T4008V1C-TB70
K6T4008V1C-TB85
K6T4008V1C-YB70
K6T4008V1C-YB85
K6T4008U1C-GB70
K6T4008U1C-GB85
K6T4008U1C-GB10
K6T4008U1C-VB70
K6T4008U1C-VB85
K6T4008U1C-VB10
K6T4008U1C-MB70
K6T4008U1C-MB85
K6T4008U1C-MB10
K6T4008U1C-TB70
K6T4008U1C-TB85
K6T4008U1C-TB10
K6T4008U1C-YB70
K6T4008U1C-YB85
K6T4008U1C-YB10
32-SOP, 70ns, 3.3V, LL
32-SOP, 85ns, 3.3V, LL
32-TSOP2-F, 70ns, 3.3V, LL
32-TSOP2-F, 85ns, 3.3V, LL
32-TSOP2-R, 70ns, 3.3V, LL
32-TSOP2-R, 85ns, 3.3V, LL
32-TSOP1-F, 70ns, 3.3V, LL
32-TSOP1-F, 85ns, 3.3V, LL
32-sTSOP1-F, 70ns, 3.3V, LL
32-sTSOP1-F, 85ns, 3.3V, LL
32-SOP, 70ns, 3.0V, LL
32-SOP, 85ns, 3.0V, LL
32-SOP, 100ns, 3.0V, LL
32-TSOP2-F, 70ns, 3.0V, LL
32-TSOP2-F, 85ns, 3.0V, LL
32-TSOP2-F, 100ns, 3.0V, LL
32-TSOP2-R, 70ns, 3.0V, LL
32-TSOP2-R, 85ns, 3.0V, LL
32-TSOP2-R, 100ns, 3.0V, LL
32-TSOP1-F, 70ns, 3.0V, LL
32-TSOP1-F, 85ns, 3.0V, LL
32-TSOP1-F, 100ns, 3.0V, LL
32-sTSOP1-F, 70ns, 3.0V, LL
32-sTSOP1-F, 85ns, 3.0V, LL
32-sTSOP1-F, 100ns, 3.0V, LL
K6T4008V1C-GF70
K6T4008V1C-GF85
K6T4008V1C-VF70
K6T4008V1C-VF85
K6T4008V1C-MF70
K6T4008V1C-MF85
K6T4008V1C-TF70
K6T4008V1C-TF85
K6T4008V1C-YF70
K6T4008V1C-YF85
K6T4008U1C-GF70
K6T4008U1C-GF85
K6T4008U1C-GF10
K6T4008U1C-VF70
K6T4008U1C-VF85
K6T4008U1C-VF10
K6T4008U1C-MF70
K6T4008U1C-MF85
K6T4008U1C-MF10
K6T4008U1C-TF70
K6T4008U1C-TF85
K6T4008U1C-TF10
K6T4008U1C-YF70
K6T4008U1C-YF85
K6T4008U1C-YF10
32-SOP, 70ns, 3.3V, LL
32-SOP, 85ns, 3.3V, LL
32-TSOP2-F, 70ns, 3.3V, LL
32-TSOP2-F, 85ns, 3.3V, LL
32-TSOP2-R, 70ns, 3.3V, LL
32-TSOP2-R, 85ns, 3.3V, LL
32-TSOP1-F, 70ns, 3.3V, LL
32-TSOP1-F, 85ns, 3.3V, LL
32-sTSOP1-F, 70ns, 3.3V, LL
32-sTSOP1-F, 85ns, 3.3V, LL
32-SOP, 70ns, 3.0V, LL
32-SOP, 85ns, 3.0V, LL
32-SOP, 100ns, 3.0V, LL
32-TSOP2-F, 70ns, 3.0V, LL
32-TSOP2-F, 85ns, 3.0V, LL
32-TSOP2-F, 100ns, 3.0V, LL
32-TSOP2-R, 70ns, 3.0V, LL
32-TSOP2-R, 85ns, 3.0V, LL
32-TSOP2-R, 100ns, 3.0V, LL
32-TSOP1-F, 70ns, 3.0V, LL
32-TSOP1-F, 85ns, 3.0V, LL
32-TSOP1-F, 100ns, 3.0V, LL
32-sTSOP1-F, 70ns, 3.0V, LL
32-sTSOP1-F, 85ns, 3.0V, LL
32-sTSOP1-F, 100ns, 3.0V, LL
FUNCTIONAL DESCRIPTION
1. X means don
′t care (Must be in low or high state)
CS
OE
WE
I/O
Mode
Power
H
X1)
X1)
High-Z
Deselected
Standby
L
H
H
High-Z
Output Disabled
Active
L
L
H
Dout
Read
Active
L
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.3 to 4.6
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6T4008V1C-L, K6T4008U1C-L
-40 to 85
°C
K6T4008V1C-P, K6T4008U1C-P


Similar Part No. - K6T4008V1C

ManufacturerPart No.DatasheetDescription
Samsung semiconductor
Samsung semiconductor
K6T4008C SAMSUNG-K6T4008C Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C SAMSUNG-K6T4008C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-B SAMSUNG-K6T4008C1B-B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B-DB55 SAMSUNG-K6T4008C1B-DB55 Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4008V1C

ManufacturerPart No.DatasheetDescription
Samsung semiconductor
Samsung semiconductor
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM684000B SAMSUNG-KM684000B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6T4008C1B SAMSUNG-K6T4008C1B Datasheet
171Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
KM684000C SAMSUNG-KM684000C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
Integrated Circuit Solution Inc
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
Samsung semiconductor
Samsung semiconductor
K6T4008C1C SAMSUNG-K6T4008C1C Datasheet
169Kb / 9P
   512Kx8 bit Low Power CMOS Static RAM
K6X4008C1F SAMSUNG-K6X4008C1F Datasheet
177Kb / 9P
   512Kx8 bit Low Power full CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz