Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6R1008C1A- Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6R1008C1A-
Description  128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008C1A- Datasheet(HTML) 2 Page - Samsung semiconductor

  K6R1008C1A- Datasheet HTML 1Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 2Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 3Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 4Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 5Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 6Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 7Page - Samsung semiconductor K6R1008C1A- Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
K6R1008C1A-C, K6R1008C1A-I
CMOS SRAM
PRELIMINARY
Rev 4.0
- 2 -
February 1998
128K x 8 Bit High-Speed CMOS Static RAM
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 12, 15, 20ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 25mA(Max.)
(CMOS) : 8mA(Max.)
Operating K6R1008C1A-12 : 170mA(Max.)
K6R1008C1A-15 : 165mA(Max.)
K6R1008C1A-20 : 160mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Center Power/Ground Pin Configuration
• Standard Pin Configuration
K6R1008C1A-J : 32-SOJ-400
K6R1008C1A-T: 32-TSOP2-400CF
K6R1008C1A-C12/C15/C20
Commercial Temp.
K6R1008C1A-I12/I15/I20
Industrial Temp.
ORDERING INFORMATION
Clk Gen.
I/O1~I/O8
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
A9 A10 A11 A12 A13 A14 A15 A16
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
256x8 Columns
I/O Circuit
PIN FUNCTION
Pin Name
Pin Function
A0 - A16
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O8
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
The K6R1008C1A is a 1,048,576-bit high-speed Static Random
Access Memory organized as 131,072 words by 8 bits. The
K6R1008C1A uses 8 common input and output lines and has
an output enable pin which operates faster than address access
time at read cycle. The device is fabricated using SAMSUNG
′s
advanced CMOS process and designed for high-speed circuit
technology. It is particularly well suited for use in high-density
high-speed system applications. The K6R1008C1A is packaged
in a 400mil 32-pin plastic SOJ or TSOP2 forward.
PIN CONFIGURATION(Top View)
SOJ/
TSOP2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
A15
A14
A13
OE
I/O8
I/O7
Vss
Vcc
I/O6
I/O5
A12
A11
A10
A9
A8
A0
A1
A2
A3
CS
I/O1
I/O2
Vcc
Vss
I/O3
I/O4
WE
A4
A5
A6
A7
A0
A1
A2
A3
A4
A5
A6
A7
A8


Similar Part No. - K6R1008C1A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-C10 SAMSUNG-K6R1008C1B-C10 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-C12 SAMSUNG-K6R1008C1B-C12 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-C8 SAMSUNG-K6R1008C1B-C8 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B-I10 SAMSUNG-K6R1008C1B-I10 Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1008C1A-

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM681002C SAMSUNG-KM681002C Datasheet
199Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM5V Operating. Operated at Commercial and Industrial Temperature Ranges.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008C1C- SAMSUNG-K6R1008C1C- Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4016C1D SAMSUNG-K6R4016C1D Datasheet
139Kb / 12P
   256Kx16 Bit High Speed Static RAM(5.0V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com