Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0395381006 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0395381006
Description  5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 6 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0395381006 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0395381006 Datasheet HTML 1Page - Molex Electronics Ltd. 0395381006 Datasheet HTML 2Page - Molex Electronics Ltd. 0395381006 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Material Numbers
Black
Green
Dimensional Information
Dim. A
Dim B
Circuit
size
100% Tin
30 u" Gold
100% Tin
30 u" Gold
mm
inch
mm
inch
4
395381004
395381504
395386004
395386504
12.16
0.479
5.08
0.200
6
395381006
395381506
395386006
395386506
17.24
0.679
10.16
0.400
8
395381008
395381508
395386008
395386508
22.32
0.879
15.24
0.600
10
395381010
395381510
395386010
395386510
27.40
1.079
20.32
0.800
12
395381012
395381512
395386012
395386512
32.48
1.279
25.40
1.000
14
395381014
395381514
395386014
395386514
37.56
1.479
30.48
1.200
16
395381016
395381516
395386016
395386516
42.64
1.679
35.56
1.400
18
395381018
395381518
395386018
395386518
47.72
1.879
40.64
1.600
20
395381020
395381520
395386020
395386520
52.80
2.079
45.72
1.800
22
395381022
395381522
395386022
395386522
57.88
2.279
50.80
2.000
24
395381024
395381524
395386024
395386524
62.96
2.479
55.88
2.200
26
395381026
395381526
395386026
395386526
68.04
2.679
60.96
2.400
28
395381028
395381528
395386028
395386528
73.12
2.879
66.04
2.600
30
395381030
395381530
395386030
395386530
78.20
3.079
71.12
2.800
32
395381032
395381532
395386032
395386532
83.28
3.279
76.20
3.000
34
395381034
395381534
395386034
395386534
88.36
3.479
81.28
3.200
36
395381036
395381536
395386036
395386536
93.44
3.679
86.36
3.400
38
395381038
395381538
395386038
395386538
98.52
3.879
91.44
3.600
40
395381040
395381540
395386040
395386540
103.60
4.079
96.52
3.800
42
395381042
395381542
395386042
395386542
108.68
4.279
101.60
4.000
44
395381044
395381544
395386044
395386544
113.76
4.479
106.68
4.200
46
395381046
395381546
395386046
395386546
118.84
4.679
111.76
4.400
48
395381048
395381548
395386048
395386548
123.92
4.879
116.84
4.600


Similar Part No. - 0395381006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0395381004 MOLEX5-0395381004 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 4 Circuits
0395381008 MOLEX5-0395381008 Datasheet
167Kb / 3P
   5.08mm (.200") Pitch Eurostyle??Horizontal Dual Level PCB Header, Closed Ends, 8 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com