Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K5T6432YT Datasheet(PDF) 20 Page - Samsung semiconductor

Part # K5T6432YT
Description  Multi-Chip Package MEMORY 64M Bit 4Mx16 Four Bank NOR Flash Memory / 32M Bit 2Mx16 UtRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K5T6432YT Datasheet(HTML) 20 Page - Samsung semiconductor

Back Button K5T6432YT Datasheet HTML 16Page - Samsung semiconductor K5T6432YT Datasheet HTML 17Page - Samsung semiconductor K5T6432YT Datasheet HTML 18Page - Samsung semiconductor K5T6432YT Datasheet HTML 19Page - Samsung semiconductor K5T6432YT Datasheet HTML 20Page - Samsung semiconductor K5T6432YT Datasheet HTML 21Page - Samsung semiconductor K5T6432YT Datasheet HTML 22Page - Samsung semiconductor K5T6432YT Datasheet HTML 23Page - Samsung semiconductor K5T6432YT Datasheet HTML 24Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
MCP MEMORY
K5T6432YT(B)M
Revision 1.0
November 2001
- 20 -
VCC
F-RP
WE
F-CE
F-Vcc Power up / dowm Timing
tVCS
Read /Write Inhibit
VIH
VIL
3.0V
Vss
VIH
VIL
VIH
VIL
Read /Write Inhibit
Read /Write Inhibit
tPS
tPS
AC Waveforms for Read Operation and Test Conditions
ta(AD)
Address
tRC
ta(CE)
tDF(CE)
tOEH
tDF(OE)
ta(OE)
tOLZ
tCLZ
High-Z
High-Z
tOH
tPHZ
tPS
Address
OE
F-CE
VIH
VIL
VIH
VIL
VIH
VIL
WE
F-RP
DATA
VIH
VIL
VIH
VIL
VIH
VIL
TEST CONDITIONS
FOR AC CHARACTERISTICS
Input Voltage: VIL=0V, VIH=Flash VCC
Input Rise and Fall Times:
≤5ns
Reference Voltage
at timing measurement: (Flash VCC)/2
Output Load: 1TTL gate + CL(30pF)
or
DUT
1.3V
1N914
3.3kohm


Similar Description - K5T6432YT

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K5A3X40YTC SAMSUNG-K5A3X40YTC Datasheet
867Kb / 45P
   Multi-Chip Package MEMORY 32M Bit (4Mx8/2Mx16) Dual Bank NOR Flash Memory / 4M(512Kx8/256Kx16) Full CMOS SRAM
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
AiT Semiconductor Inc.
A25Q64 AITSEMI-A25Q64 Datasheet
1Mb / 56P
   MEMORY SPI NOR FLASH 64M BIT
REV1.0
logo
Samsung semiconductor
K8D6X16UTM SAMSUNG-K8D6X16UTM Datasheet
639Kb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K8D6X16UTM SAMSUNG-K8D6X16UTM_06 Datasheet
1Mb / 48P
   64M Bit (8M x8/4M x16) Dual Bank NOR Flash Memory
K9F1216U0A SAMSUNG-K9F1216U0A Datasheet
968Kb / 45P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9K1208Q0C SAMSUNG-K9K1208Q0C Datasheet
953Kb / 39P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
K9F1208D0A SAMSUNG-K9F1208D0A Datasheet
748Kb / 46P
   64M x 8 Bit , 32M x 16 Bit NAND Flash Memory
logo
List of Unclassifed Man...
MX29LV033C ETC1-MX29LV033C Datasheet
530Kb / 57P
   32M-BIT COMSEQUAL SECTOR FLASH MEMORY
logo
SPANSION
S29JL032H SPANSION-S29JL032H Datasheet
1Mb / 66P
   32M BIT CMOS 3.0V FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com