Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43223-8304 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43223-8304
Description  Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 8 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43223-8304 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43223-8304 Datasheet HTML 1Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 2Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 3Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 4Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 5Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 6Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 7Page - Molex Electronics Ltd. 43223-8304 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Grounding to Panel
With All Panel Grounding Tab
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44150-004
Product Specification
PS-43223-001
Sales Drawing
SDA-43223
Test Summary
TS-43223-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43223-8304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43223-8301 MOLEX5-43223-8301 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 4 Ports
43223-8302 MOLEX5-43223-8302 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 4 Ports
43223-8303 MOLEX5-43223-8303 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 6 Ports
43223-8305 MOLEX5-43223-8305 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 8 Ports
43223-8306 MOLEX5-43223-8306 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 4 Ports
More results

Similar Description - 43223-8304

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432238185 MOLEX5-0432238185 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 8 Ports
0432238305 MOLEX5-0432238305 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 8 Ports
0432238185 MOLEX1-0432238185_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 8 Ports
0398800704 MOLEX5-0398800704 Datasheet
306Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 8 Ports
0432238303 MOLEX5-0432238303 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 6 Ports
0432238302 MOLEX5-0432238302 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 4 Ports
0432238306 MOLEX5-0432238306 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 4 Ports
0445600022 MOLEX6-0445600022 Datasheet
502Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 2 Ports
0445600024 MOLEX6-0445600024 Datasheet
502Kb / 6P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 4 Ports
0445600024 MOLEX1-0445600024_18 Datasheet
36Kb / 2P
   Modular Jack, Right Angle, Low Profile, Shielded, 8/8, 4 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com