Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41671-0006 Datasheet(PDF) 9 Page - Molex Electronics Ltd.

Part # 41671-0006
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 7 Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41671-0006 Datasheet(HTML) 9 Page - Molex Electronics Ltd.

Back Button 41671-0006 Datasheet HTML 2Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 3Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 4Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 5Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 6Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 7Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 8Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 9Page - Molex Electronics Ltd. 41671-0006 Datasheet HTML 10Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
AJ
EC. NO.
DATE:
UCP2009-1378
12/8/2008
TITLE:
KK .156 HEADER ASSEMBLY
FRICTION LOCK STRAIGHT
2-24 CKTS.
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD – 41671 - 001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group No:
A-41671-ANA503-* REF SEE SHT 3
Group No:
A-41671-AND102-* REF SEE SHT 3
Group No:
A-41671-ANB122-*
Pin No:
Pin No:
Pin No:
2161-1 (122)
Plating:
Plating:
Plating:
122 TIN
Pin Length L
Pin Length L
Pin Length L
.750 / 19.05
Mating
M
Mating
M
Mating
M
.517 +/- .020
13.13 +/- 0.51
Gold Loc
G
Gold Loc
G
Gold Loc
G
NA
PC Tail
P
PC Tail
P
PC Tail
P
.105 +/- .020
2.67 +/- 0.51
Tin Loc
T
Tin Loc
T
Tin Loc
T
OVERALL
Voided Ckts
SEE CHART BELOW
Voided Ckts
SEE CHART BELOW
Voided Ckts
SEE CHART BELOW
Pack Per
Pack Per
Pack Per
PK-41671-001
Material No
Engineer Number
Void Ckts
Material No
Engineer Number
Void Ckts
Material No
Engineer Number
Void Ckts
26-49-7054
A-41671-A5A503-2
2
26-49-6110
A-41671-A11D102-8
8
50-36-1877
A-41671-A16B122-51
2,5,7,9,10,11
13,14


Similar Part No. - 41671-0006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41671-0006 MOLEX11-41671-0006 Datasheet
68Kb / 2P
   KK 396 Breakaway Header, Vertical, Square Pin, with Friction Lock, 7 Circuits, 0.38um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com