Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0387406107 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0387406107
Description  11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 7 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

0387406107 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0387406107 Datasheet HTML 1Page - Molex Electronics Ltd. 0387406107 Datasheet HTML 2Page - Molex Electronics Ltd. 0387406107 Datasheet HTML 3Page - Molex Electronics Ltd. 0387406107 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0387406107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0387406102 MOLEX5-0387406102 Datasheet
595Kb / 4P
   11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 2 Circuits
0387406103 MOLEX5-0387406103 Datasheet
595Kb / 4P
   11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 3 Circuits
0387406104 MOLEX5-0387406104 Datasheet
595Kb / 4P
   11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 4 Circuits
0387406105 MOLEX5-0387406105 Datasheet
595Kb / 4P
   11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 5 Circuits
0387406106 MOLEX5-0387406106 Datasheet
595Kb / 4P
   11.11mm (.437") Pitch Beau??PCB Fixed Mount Barrier Terminal Strip, Low Profile, 300V, 6 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com