Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4S560432A Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. K4S560432A
Description  256Mbit SDRAM 16M x 4bit x 4 Banks Synchronous DRAM LVTTL
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S560432A Datasheet(HTML) 2 Page - Samsung semiconductor

  K4S560432A Datasheet HTML 1Page - Samsung semiconductor K4S560432A Datasheet HTML 2Page - Samsung semiconductor K4S560432A Datasheet HTML 3Page - Samsung semiconductor K4S560432A Datasheet HTML 4Page - Samsung semiconductor K4S560432A Datasheet HTML 5Page - Samsung semiconductor K4S560432A Datasheet HTML 6Page - Samsung semiconductor K4S560432A Datasheet HTML 7Page - Samsung semiconductor K4S560432A Datasheet HTML 8Page - Samsung semiconductor K4S560432A Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
K4S560432A
CMOS SDRAM
Rev. 0.0 Sep. 1999
The K4S560432A is 268,435,456 bits synchronous high data
rate Dynamic RAM organized as 4 x 16,785,216 words by 4 bits,
fabricated with SAMSUNG's high performance CMOS technol-
ogy. Synchronous design allows precise cycle control with the use
of system clock I/O transactions are possible on every clock cycle.
Range of operating frequencies, programmable burst length and
programmable latencies allow the same device to be useful for a
variety of high bandwidth, high performance memory system
applications.
• JEDEC standard 3.3V power supply
• LVTTL compatible with multiplexed address
• Four banks operation
• MRS cycle with address key programs
-. CAS latency (2 & 3)
-. Burst length (1, 2, 4, 8 & Full page)
-. Burst type (Sequential & Interleave)
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation
• DQM for masking
• Auto & self refresh
• 64ms refresh period (8K cycle)
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
16M x 4Bit x 4 Banks Synchronous DRAM
Bank Select
Data Input Register
16M x 4
16M x 4
Column Decoder
Latency & Burst Length
Programming Register
LCKE
LRAS
LCBR
LWE
LDQM
CLK
CKE
CS
RAS
CAS
WE
DQM
LWE
LDQM
DQi
CLK
ADD
LCAS
LWCBR
16M x 4
16M x 4
Timing Register
ORDERING INFORMATION
Part No.
Max Freq.
Interface Package
K4S560432A-TC/L75
133MHz(CL=3)
LVTTL
54pin
TSOP(II)
K4S560432A-TC/L80
125MHz(CL=3)
K4S560432A-TC/L1H
100MHz(CL=2)
K4S560432A-TC/L1L
100MHz(CL=3)
* Samsung Electronics reserves the right to change products or specification without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn