Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4E661612C-TC60 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4E661612C-TC60
Description  4M x 16bit CMOS Dynamic RAM with Extended Data Out
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E661612C-TC60 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4E661612C-TC60 Datasheet HTML 4Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 5Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 6Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 7Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 8Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 9Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 10Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 11Page - Samsung semiconductor K4E661612C-TC60 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CMOS DRAM
K4E661612C,K4E641612C
NOTES
An initial pause of 200us is required after power-up followed by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition
times are measured between VIH(min) and VIL(max) and are assumed to be 2ns for all inputs.
Measured with a load equivalent to 1 TTL load and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves the open circuit condition and is not referenced to Voh or Vol.
tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data sheet as electric charac-
teristics only. If
tWCS
tWCS(min), the cycles is an early write cycle and the data output will remain high impedance for the
duration of the cycle. If
tCWD
tCWD(min), tRWDtRWD(min) and tAWDtAWD(min), then the cycle is a read-modify-write cycle
and the data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the
condition of the data out is indeterminate.
Either
tRCH or tRRH must be satisfied for a read cycle.
This parameters are referenced to the CAS leading edge in early write cycles and to the W falling edge in OE controlled write
cycle and read-modify-write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only. If
tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
These specifiecations are applied in the test mode.
In test mode read cycle, the value of
tRAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters
should be specified in test mode cycles by adding the above value to the specified value in this data sheet.
tASC, tCAH are referenced to the earlier CAS falling edge.
tCP is specified from the last CAS rising edge in the previous cycle to the first CAS falling edge in the next cycle.
tCWD is referenced to the later CAS falling edge at word read-modify-write cycle.
K4E64(6)1612C Truth Table
RAS
LCAS
UCAS
W
OE
DQ0 - DQ7
DQ8-DQ15
STATE
H
X
X
X
X
Hi-Z
Hi-Z
Standby
L
H
H
X
X
Hi-Z
Hi-Z
Refresh
L
L
H
H
L
DQ-OUT
Hi-Z
Byte Read
L
H
L
H
L
Hi-Z
DQ-OUT
Byte Read
L
L
L
H
L
DQ-OUT
DQ-OUT
Word Read
L
L
H
L
H
DQ-IN
-
Byte Write
L
H
L
L
H
-
DQ-IN
Byte Write
L
L
L
L
H
DQ-IN
DQ-IN
Word Write
L
L
L
H
H
Hi-Z
Hi-Z
-
7.
6.
5.
10.
9.
8.
13.
12.
11.
15.
14.
3.
2.
1.
4.


Similar Part No. - K4E661612C-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B-L SAMSUNG-K4E661612B-L Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B-TC SAMSUNG-K4E661612B-TC Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612D SAMSUNG-K4E661612D Datasheet
397Kb / 36P
   CMOS DRAM
More results

Similar Description - K4E661612C-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661612B SAMSUNG-K4E661612B Datasheet
885Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004B SAMSUNG-KM416V4004B Datasheet
806Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E661611D SAMSUNG-K4E661611D Datasheet
882Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C4004C SAMSUNG-KM416C4004C Datasheet
946Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E171611D SAMSUNG-K4E171611D Datasheet
553Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416C1004C SAMSUNG-KM416C1004C Datasheet
804Kb / 35P
   1M x 16Bit CMOS Dynamic RAM with Extended Data Out
K4E170411D SAMSUNG-K4E170411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
KM416V1204BJ SAMSUNG-KM416V1204BJ Datasheet
2Mb / 31P
   1M x 16BIT CMOS DYNAMIT RAM WITH EXTENDED DATA OUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com