Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4S281632C Datasheet(PDF) 6 Page - Samsung semiconductor

Part No. K4S281632C
Description  128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632C Datasheet(HTML) 6 Page - Samsung semiconductor

  K4S281632C Datasheet HTML 1Page - Samsung semiconductor K4S281632C Datasheet HTML 2Page - Samsung semiconductor K4S281632C Datasheet HTML 3Page - Samsung semiconductor K4S281632C Datasheet HTML 4Page - Samsung semiconductor K4S281632C Datasheet HTML 5Page - Samsung semiconductor K4S281632C Datasheet HTML 6Page - Samsung semiconductor K4S281632C Datasheet HTML 7Page - Samsung semiconductor K4S281632C Datasheet HTML 8Page - Samsung semiconductor K4S281632C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
K4S281632C
Rev. 0.0 Mar. 2000
CMOS SDRAM
DC CHARACTERISTICS
1. Measured with outputs open.
2. Refresh period is 64ms.
3. K4S281632C-TC**
4. K4S281632C-TL**
5. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ)
Notes :
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit Note
-75
-1H
-1L
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
150
140
140
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
1
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC = ∞
1
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
20
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
7
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
5
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC = ∞
5
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
30
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
20
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
180
145
145
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
220
210
210
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C
1.5
mA
3
L
800
uA
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn