Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4S281632C Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. K4S281632C
Description  128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632C Datasheet(HTML) 5 Page - Samsung semiconductor

  K4S281632C Datasheet HTML 1Page - Samsung semiconductor K4S281632C Datasheet HTML 2Page - Samsung semiconductor K4S281632C Datasheet HTML 3Page - Samsung semiconductor K4S281632C Datasheet HTML 4Page - Samsung semiconductor K4S281632C Datasheet HTML 5Page - Samsung semiconductor K4S281632C Datasheet HTML 6Page - Samsung semiconductor K4S281632C Datasheet HTML 7Page - Samsung semiconductor K4S281632C Datasheet HTML 8Page - Samsung semiconductor K4S281632C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
K4S281632C
Rev. 0.0 Mar. 2000
CMOS SDRAM
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ,
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF =1.4V ± 200 mV)
Pin
Symbol
Min
Max
Unit
Note
Clock
CCLK
2.5
4.0
pF
1
RAS, CAS, WE, CS, CKE, DQM
CIN
2.5
5.0
pF
2
Address
CADD
2.5
5.0
pF
2
DQ0 ~ DQ15
COUT
4.0
6.5
pF
3
1. -75 only specify a maximum value of 3.5pF
2. -75 only specify a maximum value of 3.8pF
3. -75 only specify a maximum value of 6.0pF
Notes :


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn