Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1170H171B-T2 Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1170H171B-T2
Description  800mA LDO REGULATOR????
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1170H171B-T2 Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1170H171B-T2 Datasheet HTML 1Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 2Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 3Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 4Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 5Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 6Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 7Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 8Page - RICOH electronics devices division R1170H171B-T2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Rev. 1.10
- 2 -
s
s
s
s
BLOCK DIAGRAMS
R1170H Series
R1170D Series
Vref
1
4
5
2
Current Limit
-
+
VDD
CE
V
OUT
GND
VDD
VDD
Vref
3
6
1
4
Current Limit
-
+
CE
VOUT
GND
5
2
VOUT
s
s
s
s
SELECTION GUIDE
The output voltage, the chip-enable polarity, the taping type can be selected at the user’s request. The selection
can be made with the part number as follows;
R1170X XXXX-XX
← Part Number
↑ ↑ ↑ ↑
a b c d
Code
Contents
a
Package Type; H: SOT89-5, D: HSON-6P
b
Designation of Output Voltage(VOUT)
Stepwise setting with 0.1V increment in the range from 1.5V to 4.0V
c
Designation of option;
A: Built-in Chip Enable Circuit, Active at “L”
B: Built-in Chip Enable Circuit, Active at “H”
d
Designation of Taping Type;
T1 or T2 (SOT89-5), TR(HSON-6) (Refer to Taping Specifications)
s
s
s
s
PIN CONFIGURATION
q
SOT-89-5
5
4
1
2
3
Mark
Side


Similar Part No. - R1170H171B-T2

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1170H171B NISSHINBO-R1170H171B Datasheet
456Kb / 27P
   800mA LDO Regulator for Automotive Applications
More results

Similar Description - R1170H171B-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com