Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42878-4218 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 42878-4218
Description  Modular Jack, Vertical, Low Profile, 4/2
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42878-4218 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  42878-4218 Datasheet HTML 1Page - Molex Electronics Ltd. 42878-4218 Datasheet HTML 2Page - Molex Electronics Ltd. 42878-4218 Datasheet HTML 3Page - Molex Electronics Ltd. 42878-4218 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0428784218
Status:
Active
Description:
Modular Jack, Vertical, Low Profile, 4/2
Documents:
3D Model
Product Specification PS-42878 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
42878
Comments
Flush Mount|Flangeless|2 PCB Thick
Component Type
PCB Jack
Magnetic
No
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
N/A
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
N/A
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50
Plating min: Mating (µm)
1.25
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Ports
1
Positions / Loaded Contacts
4/4
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
42878Series
Mates With
FCC 68 Plugs


Similar Part No. - 42878-4218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42878-4216 MOLEX5-42878-4216 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
More results

Similar Description - 42878-4218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428784410 MOLEX5-0428784410 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2
0428784266 MOLEX5-0428784266 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2
0428784362 MOLEX5-0428784362 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2
0428784218 MOLEX1-0428784218_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 4/2
0428784216 MOLEX1-0428784216_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
0428784264 MOLEX5-0428784264 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
0428784360 MOLEX5-0428784360 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
0428784408 MOLEX5-0428784408 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
0428784216 MOLEX5-0428784216 Datasheet
213Kb / 4P
   Modular Jack, Vertical, Low Profile, 4/2, Panel Stops
0428786506 MOLEX1-0428786506_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 6/2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com