Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN5RZ40LA-TL Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RN5RZ40LA-TL
Description  LOW DROP-OUT AND LOW NOISE VOLTAGE REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RN5RZ40LA-TL Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RN5RZ40LA-TL Datasheet HTML 7Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 8Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 9Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 10Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 11Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 12Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 13Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 14Page - RICOH electronics devices division RN5RZ40LA-TL Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
RN5RZ
8
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current
RN5RZ30B
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Output Current IOUT(mA)
0
100
200
300
400
500
3.5V
4.0V
5.0V
VIN=3.3V
RN5RZ40B
5.0
4.5
4.0
3.5
3.0
2.5
1.5
1.0
2.0
0.5
0.0
Output Current IOUT(mA)
0
100
200
300
400
500
4.5V
5.0V
6.0V
VIN=4.3V
RN5RZ50B
6.0
5.0
4.0
3.0
2.0
1.0
0.0
Output Current IOUT(mA)
0
100
200
300
400
500
6.0V
5.5V
7.0V
VIN=5.3V
RN5RZ30B
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
Input Voltage VIN(V)
0.0
2.0
4.0
8.0
6.0
IOUT=0mA
IOUT=30mA
IOUT=50mA
RN5RZ40B
5.0
4.0
3.0
2.0
1.0
0.0
Input Voltage VIN(V)
0.0
2.0
4.0
8.0
6.0
IOUT=0mA
IOUT=30mA
IOUT=50mA
2) Output Voltage vs. Input Voltage


Similar Part No. - RN5RZ40LA-TL

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5RZ40AA-TR-FE RICOH-RN5RZ40AA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ40BA-TR-FE RICOH-RN5RZ40BA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
RN5RZ40CA-TR-FE RICOH-RN5RZ40CA-TR-FE Datasheet
568Kb / 20P
   Supply Current Typ. 20uA
More results

Similar Description - RN5RZ40LA-TL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4678-2 INFINEON-TLE4678-2_15 Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-03
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Infineon Technologies A...
TLF4277-2 INFINEON-TLF4277-2 Datasheet
1Mb / 25P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-03-13
TLE4291E INFINEON-TLE4291E Datasheet
1Mb / 28P
   Low Drop Out Linear Voltage Regulator
Rev. 1.1, 2012-12-03
TLE4678 INFINEON-TLE4678_15 Datasheet
1Mb / 37P
   Low Drop Out Linear Voltage Regulator
Rev. 1.2, 2014-10-17
TLE4678-2EL INFINEON-TLE4678-2EL Datasheet
1Mb / 33P
   Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2014-05-07
logo
ON Semiconductor
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com