Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43202-8122 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. 43202-8122
Description  Modular Jack, Right Angle, Low Profile, 8/2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43202-8122 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43202-8122 Datasheet HTML 1Page - Molex Electronics Ltd. 43202-8122 Datasheet HTML 2Page - Molex Electronics Ltd. 43202-8122 Datasheet HTML 3Page - Molex Electronics Ltd. 43202-8122 Datasheet HTML 4Page - Molex Electronics Ltd. 43202-8122 Datasheet HTML 5Page - Molex Electronics Ltd. 43202-8122 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
No
Grounding to Panel
None
Shielded
No
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
A432028122
Reference - Drawing Numbers
Packaging Specification
PK-43202-003
Product Specification
PS-43202-001, RPS-43202-002
Sales Drawing
SDA-43202
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43202-8122

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
43202-8101 MOLEX5-43202-8101 Datasheet
363Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/10
43202-8104 MOLEX5-43202-8104 Datasheet
363Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8
43202-8113 MOLEX5-43202-8113 Datasheet
364Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8, Key
43202-8116 MOLEX5-43202-8116 Datasheet
364Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/6
43202-8119 MOLEX5-43202-8119 Datasheet
364Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/4
More results

Similar Description - 43202-8122

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
0432238128 MOLEX5-0432238128 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0432238122 MOLEX5-0432238122 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0432238022 MOLEX5-0432238022 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500011 MOLEX1-0441500011_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500001 MOLEX6-0441500001 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500011 MOLEX6-0441500011 Datasheet
424Kb / 5P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441500005 MOLEX1-0441500005_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0441440023 MOLEX6-0441440023 Datasheet
230Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/2
0445600002 MOLEX6-0445600002 Datasheet
502Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
0445600001 MOLEX6-0445600001 Datasheet
502Kb / 6P
   Modular Jack, Right Angle, Low Profile, 8/8, 2 Ports
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz