Electronic Components Datasheet Search |
|
43202-6107 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
43202-6107 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 06/07/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0432026107 Status: Active Overview: modular_plugs_jacks Description: Modular Jack, Right Angle, Low Profile, 6/2 Documents: 3D Model Product Specification PS-43202-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E107635 General Product Family Modular Jacks/Plugs Series 43202 Comments Enhanced panel grounding tabs Component Type PCB Jack Magnetic No Overview modular_plugs_jacks Performance Category 3, 4 Power over Ethernet (PoE) N/A Product Name RJ11 Physical Color - Resin Black Durability (mating cycles max) 500 Flammability 94V-0 Inverted / Top Latch No Lightpipes/LEDs None Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin High Temperature Thermoplastic Orientation Right Angle (Side Entry) PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.050 In Pitch - Mating Interface (mm) 1.27 mm Plating min: Mating (µin) 50 Plating min: Mating (µm) 1.25 Plating min: Termination (µin) 100 Plating min: Termination (µm) 2.5 Ports 1 Positions / Loaded Contacts 6/2 Surface Mount Compatible (SMC) Yes Temperature Range - Operating -40°C to +85°C Termination Interface: Style Through Hole Wire/Cable Type N/A Electrical Current - Maximum per Contact 1.5A Shielded No Voltage - Maximum 125V Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 43202Series Mates With FCC 68 Plugs |
Similar Part No. - 43202-6107 |
|
Similar Description - 43202-6107 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |