Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43223-6149 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 43223-6149
Description  Modular Jack, Right Angle, Low Profile, 6/2, 4 Ports
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43223-6149 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  43223-6149 Datasheet HTML 1Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 2Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 3Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 4Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 5Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 6Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 7Page - Molex Electronics Ltd. 43223-6149 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Grounding to Panel
None
Shielded
No
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Material Info
Old Part Number
A432236149
Reference - Drawing Numbers
Packaging Specification
PK-43249-004
Product Specification
PS-43223-001
Sales Drawing
SDA-43223
Test Summary
TS-43223-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43223-6149

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43223-6140 MOLEX5-43223-6140 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 8 Ports
43223-6143 MOLEX5-43223-6143 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 2 Ports
43223-6146 MOLEX5-43223-6146 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 3 Ports
More results

Similar Description - 43223-6149

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0432236022 MOLEX5-0432236022 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 2 Ports
0432236122 MOLEX5-0432236122 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/4, 2 Ports
0432236101 MOLEX5-0432236101 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 2 Ports
0432236155 MOLEX5-0432236155 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 6 Ports
0432236001 MOLEX5-0432236001 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/6, 2 Ports
0432236143 MOLEX5-0432236143 Datasheet
675Kb / 8P
   Modular Jack, Right Angle, Low Profile, 6/2, 2 Ports
0442480093 MOLEX1-0442480093_17 Datasheet
35Kb / 2P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0438146421 MOLEX6-0438146421 Datasheet
149Kb / 3P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0442480093 MOLEX6-0442480093 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
0442480065 MOLEX6-0442480065 Datasheet
733Kb / 8P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, 2 Ports
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com