Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F661612C-TC Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4F661612C-TC
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F661612C-TC Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4F661612C-TC Datasheet HTML 2Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 3Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 4Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 5Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 6Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 7Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 8Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 9Page - Samsung semiconductor K4F661612C-TC Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
CMOS DRAM
K4F661612C, K4F641612C
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-45
-50
-60
Units
Note
Min
Max
Min
Max
Min
Max
Refresh period (Normal)
tREF
64
64
64
ms
Refresh period (L-ver)
tREF
128
128
128
ms
Write command set-up time
tWCS
0
0
0
ns
7
CAS to W delay time
tCWD
32
36
38
ns
7,15
RAS to W delay time
tRWD
67
73
83
ns
7
Column address to W delay time
tAWD
43
48
53
ns
7
CAS precharge W delay time
tCPWD
48
53
60
ns
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
5
ns
17
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
10
ns
18
RAS to CAS precharge time
tRPC
5
5
5
ns
Access time from CAS precharge
tCPA
26
30
35
ns
3
Fast Page mode cycle time
tPC
31
35
40
ns
Fast Page mode read-modify-write cycle time
tPRWC
70
76
85
ns
CAS precharge time (Fast page cycle)
tCP
9
10
10
ns
14
RAS pulse width (Fast page cycle)
tRASP
45
200K
50
200
60
200
ns
RAS hold time from CAS precharge
tRHCP
28
30
35
ns
OE access time
tOEA
12
13
15
ns
3
OE to data delay
tOED
12
13
13
ns
Output buffer turn off delay time from OE
tOEZ
0
13
0
13
0
13
ns
6
OE command hold time
tOEH
12
13
15
ns
Write command set-up time (Test mode in)
tWTS
10
10
10
ns
11
Write command hold time (Test mode in)
tWTH
15
15
15
ns
11
W to RAS precharge time (C-B-R refresh)
tWRP
10
10
10
ns
W to RAS hold time (C-B-R refresh)
tWRH
10
10
10
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
100
us
20,21,22
RAS precharge time (C-B-R self refresh)
tRPS
80
90
110
ns
20,21,22
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
-50
ns
20,21,22


Similar Part No. - K4F661612C-TC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B-L SAMSUNG-K4F661612B-L Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B-TC SAMSUNG-K4F661612B-TC Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612D-TI SAMSUNG-K4F661612D-TI Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - K4F661612C-TC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com