Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F641612C Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4F641612C
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F641612C Datasheet(HTML) 4 Page - Samsung semiconductor

  K4F641612C Datasheet HTML 1Page - Samsung semiconductor K4F641612C Datasheet HTML 2Page - Samsung semiconductor K4F641612C Datasheet HTML 3Page - Samsung semiconductor K4F641612C Datasheet HTML 4Page - Samsung semiconductor K4F641612C Datasheet HTML 5Page - Samsung semiconductor K4F641612C Datasheet HTML 6Page - Samsung semiconductor K4F641612C Datasheet HTML 7Page - Samsung semiconductor K4F641612C Datasheet HTML 8Page - Samsung semiconductor K4F641612C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
CMOS DRAM
K4F661612C, K4F641612C
*Note :
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1, ICC3 and ICC6, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one fast page mode cycle time,
tPC.
DC AND OPERATING CHARACTERISTICS (Continued)
ICC1* : Operating Current (RAS and UCAS, LCAS, Address cycling @
tRC=min.)
ICC2 : Standby Current (RAS=UCAS=LCAS=W=VIH)
ICC3* : RAS-only Refresh Current (UCAS=LCAS=VIH, RAS, Address cycling @
tRC=min.)
ICC4* : Fast Page Mode Current (RAS=VIL, UCAS or LCAS, Address cycling @
tPC=min.)
ICC5 : Standby Current (RAS=UCAS=LCAS=W=VCC-0.2V)
ICC6* : CAS-Before-RAS Refresh Current (RAS and UCAS or LCAS cycling @
tRC=min)
ICC7 : Battery back-up current, Average power supply current, Battery back-up mode
Input high voltage(VIH)=VCC-0.2V, Input low voltage(VIL)=0.2V, UCAS, LCAS=CAS-before-RAS cycling or 0.2V,
W, OE=VIH, Address=Don
′t care, DQ=Open, TRC=31.25us
ICCS : Self Refresh Current
RAS=UCAS=LCAS=0.2V, W=OE=A0 ~ A12(A11)=VCC-0.2V or 0.2V, DQ0 ~ DQ15=VCC-0.2V, 0.2V or Open
Symbol
Power
Speed
Max
Units
K4F661612C
K4F641612C
ICC1
Don
′t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
ICC2
Normal
L
Don
′t care
1
1
1
1
mA
mA
ICC3
Don
′t care
-45
-50
-60
90
80
70
130
120
110
mA
mA
mA
ICC4
Don
′t care
-45
-50
-60
70
60
50
70
60
50
mA
mA
mA
ICC5
Normal
L
Don
′t care
0.5
200
0.5
200
mA
uA
ICC6
Don
′t care
-45
-50
-60
130
120
110
130
120
110
mA
mA
mA
ICC7
L
Don
′t care
350
350
uA
ICCS
L
Don
′t care
350
350
uA


Similar Part No. - K4F641612C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F641612B SAMSUNG-K4F641612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612B-L SAMSUNG-K4F641612B-L Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612B-TC SAMSUNG-K4F641612B-TC Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612B-TC50 SAMSUNG-K4F641612B-TC50 Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F641612D SAMSUNG-K4F641612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - K4F641612C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416V4000B SAMSUNG-KM416V4000B Datasheet
767Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612D SAMSUNG-K4F661612D Datasheet
390Kb / 35P
   4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE
K4F661612E SAMSUNG-K4F661612E Datasheet
386Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416V4000C SAMSUNG-KM416V4000C Datasheet
88Kb / 9P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000B SAMSUNG-KM416C4000B Datasheet
826Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C4000C SAMSUNG-KM416C4000C Datasheet
901Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
K4F661612B SAMSUNG-K4F661612B Datasheet
844Kb / 35P
   4M x 16bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
K4F171611D SAMSUNG-K4F171611D Datasheet
528Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
KM416C1000B SAMSUNG-KM416C1000B Datasheet
84Kb / 8P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com