Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4F661612C Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. K4F661612C
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F661612C Datasheet(HTML) 2 Page - Samsung semiconductor

  K4F661612C Datasheet HTML 1Page - Samsung semiconductor K4F661612C Datasheet HTML 2Page - Samsung semiconductor K4F661612C Datasheet HTML 3Page - Samsung semiconductor K4F661612C Datasheet HTML 4Page - Samsung semiconductor K4F661612C Datasheet HTML 5Page - Samsung semiconductor K4F661612C Datasheet HTML 6Page - Samsung semiconductor K4F661612C Datasheet HTML 7Page - Samsung semiconductor K4F661612C Datasheet HTML 8Page - Samsung semiconductor K4F661612C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
CMOS DRAM
K4F661612C, K4F641612C
PIN CONFIGURATION (Top Views)
VCC
DQ0
DQ1
DQ2
DQ3
VCC
DQ4
DQ5
DQ6
DQ7
N.C
VCC
W
RAS
N.C
N.C
N.C
N.C
A0
A1
A2
A3
A4
A5
VCC
VSS
DQ15
DQ14
DQ13
DQ12
VSS
DQ11
DQ10
DQ9
DQ8
N.C
VSS
LCAS
UCAS
OE
N.C
N.C
A12(N.C)*
A11
A10
A9
A8
A7
A6
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
Pin Name
Pin function
A0 - A12
Address Inputs(8K Product)
A0 - A11
Address Inputs(4K Product)
DQ0 - 15
Data In/Out
VSS
Ground
RAS
Row Address Strobe
UCAS
Upper Column Address Strobe
LCAS
Lower Column Address Strobe
W
Read/Write Input
OE
Data Output Enable
VCC
Power(+3.3V)
N.C
No Connection
(400mil TSOP(II))
*(N.C) : N.C for 4K Refresh Product
• K4F661612C-T
• K4F641612C-T


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KM416V4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000B 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612E 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000C 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F171611D 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C256D 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612D 4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn