Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4F661612C Datasheet(PDF) 1 Page - Samsung semiconductor

Part No. K4F661612C
Description  4M x 16bit CMOS Dynamic RAM with Fast Page Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F661612C Datasheet(HTML) 1 Page - Samsung semiconductor

  K4F661612C Datasheet HTML 1Page - Samsung semiconductor K4F661612C Datasheet HTML 2Page - Samsung semiconductor K4F661612C Datasheet HTML 3Page - Samsung semiconductor K4F661612C Datasheet HTML 4Page - Samsung semiconductor K4F661612C Datasheet HTML 5Page - Samsung semiconductor K4F661612C Datasheet HTML 6Page - Samsung semiconductor K4F661612C Datasheet HTML 7Page - Samsung semiconductor K4F661612C Datasheet HTML 8Page - Samsung semiconductor K4F661612C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CMOS DRAM
K4F661612C, K4F641612C
This is a family of 4,194,304 x 16 bit Fast Page Mode CMOS DRAMs. Fast Page Mode offers high speed random access of memory
cells within the same row. Refresh cycle(4K Ref. or 8K Ref.), access time (-45, -50 or -60), power consumption(Normal or Low power)
are optional features of this family. All of this family have CAS-before-RAS refresh, RAS-only refresh and Hidden refresh capabilities.
Furthermore, Self-refresh operation is available in L-version. This 4Mx16 Fast Page Mode DRAM family is fabricated using Samsung
′s
advanced CMOS process to realize high band-width, low power consumption and high reliability.
• Fast Page Mode operation
• 2CAS Byte/Word Read/Write operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• Self-refresh capability (L-ver only)
• Fast parallel test mode capability
• LVTTL(3.3V) compatible inputs and outputs
• Early Write or output enable controlled write
• JEDEC Standard pinout
• Available in Plastic TSOP(II) packages
• +3.3V
±0.3V power supply
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.
4M x 16bit CMOS Dynamic RAM with Fast Page Mode
DESCRIPTION
Control
Clocks
Lower
Data out
Buffer
RAS
UCAS
LCAS
W
Vcc
Vss
DQ0
to
DQ7
A0~A12
(A0~A11)*1
A0~A8
(A0~A9)*1
Memory Array
4,194,304 x 16
Cells
FUNCTIONAL BLOCK DIAGRAM
Note) *1 : 4K Refresh
Upper
Data in
Buffer
Upper
Data out
Buffer
Lower
Data in
Buffer
DQ8
to
DQ15
OE
Row Decoder
Column Decoder
VBB Generator
Refresh Timer
Refresh Control
Refresh Counter
Row Address Buffer
Col. Address Buffer
• Part Identification
- K4F661612C-TC/L(3.3V, 8K Ref.)
- K4F641612C-TC/L(3.3V, 4K Ref.)
FEATURES
• Refresh Cycles
Part
NO.
Refresh
cycle
Refresh time
Normal
L-ver
K4F661612C*
8K
64ms
128ms
K4F641612C
4K
• Performance Range
Speed
tRAC
tCAC
tRC
tPC
-45
45ns
12ns
80ns
31ns
-50
50ns
13ns
90ns
35ns
-60
60ns
15ns
110ns
40ns
• Active Power Dissipation
Speed
8K
4K
-45
324
468
-50
288
432
-60
252
396
Unit : mW
* Access mode & RAS only refresh mode
: 8K cycle/64ms(Normal), 8K cycle/128ms(L-ver.)
CAS-before-RAS & Hidden refresh mode
: 4K cycle/64ms(Normal), 4K cycle/128ms(L-ver.)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KM416V4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000B 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612E 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000C 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F171611D 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C256D 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612D 4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn