Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43160-7304 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. 43160-7304
Description  7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 4 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

43160-7304 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  43160-7304 Datasheet HTML 1Page - Molex Electronics Ltd. 43160-7304 Datasheet HTML 2Page - Molex Electronics Ltd. 43160-7304 Datasheet HTML 3Page - Molex Electronics Ltd. 43160-7304 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 43160-7304

ManufacturerPart No.DatasheetDescription
Molex Electronics Ltd.
Molex Electronics Ltd.
43160-1102 MOLEX11-43160-1102 Datasheet
227Kb / 2P
   SABRE HEADER ASSY RT. ANGLE, 2-6 & 8 CIR. .125/(3.18)X.020(0.51)
43160-2102 MOLEX-43160-2102 Datasheet
53Kb / 3P
   7.50mm Pitch Sabre??Header, Vertical, 2 Circuits, Glow Wire Compatible. Recommended PCB Thickness 1.60mm, with Board Lock
43160-3104 MOLEX5-43160-3104 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 4 Circuits
43160-3105 MOLEX5-43160-3105 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 5 Circuits
43160-5304 MOLEX5-43160-5304 Datasheet
271Kb / 4P
   7.50mm (.295") Pitch Sabre??Header, Single Row, Right Angle, 4 Circuits
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz