Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R3131N30EA5-TR Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R3131N30EA5-TR
Description  Low Voltage Detector with built-in Delay Circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R3131N30EA5-TR Datasheet(HTML) 4 Page - RICOH electronics devices division

  R3131N30EA5-TR Datasheet HTML 1Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 2Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 3Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 4Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 5Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 6Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 7Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 8Page - RICOH electronics devices division R3131N30EA5-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
R3130N×××A/C, R3131N×××A/C
3
TIMING CHART
VSS
Tdelay
Supply
Voltage
(VDD)
Output Voltage
Detector
Threshold
Minimum Operating
Voltage
VDET
VSS
VSS
Tdelay
Supply
Voltage
(VDD)
Output Voltage
Detector
Threshold
Minimum Operating
Voltage
VDET
VSS
R3130N Operation Diagram
R3131N Operation Diagram
• Output Delay Operation
Output Delay Time, or Tdelay is specified as follows:
1. In the case of Nch Open Drain Output:
The time interval from rising edge of VDD pulse (1.0V→(VDET)+0.1V) to the time at which the output reaches
2.5V under the condition that the output pin (OUT) is pulled up to 5V through a 470kΩ resistor.
2. In the case of CMOS Output
The time interval from rising edge of VDD pulse (1.0V→(VDET)+0.1V) to the time at which the output reaches
VDD/2.
VDET+1.0V
Input Voltage
Output Voltage
1.0V
5.0V
2.5V
GND
GND
Trst
Tdelay
(VDD)
VDET+1.0V
Input Voltage
Output Voltage
1.0V
VDET+0.1V
(VDET+0.1V)/2
GND
GND
Trst
Tdelay
(VDD)
Nch Open Drain Output
CMOS Output


Similar Part No. - R3131N30EA5-TR

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3131N RICOH-R3131N Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
More results

Similar Description - R3131N30EA5-TR

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com