Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F160811D Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4F160811D
Description  2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F160811D Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4F160811D Datasheet HTML 4Page - Samsung semiconductor K4F160811D Datasheet HTML 5Page - Samsung semiconductor K4F160811D Datasheet HTML 6Page - Samsung semiconductor K4F160811D Datasheet HTML 7Page - Samsung semiconductor K4F160811D Datasheet HTML 8Page - Samsung semiconductor K4F160811D Datasheet HTML 9Page - Samsung semiconductor K4F160811D Datasheet HTML 10Page - Samsung semiconductor K4F160811D Datasheet HTML 11Page - Samsung semiconductor K4F160811D Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
K4F170811D, K4F160811D
CMOS DRAM
K4F170812D, K4F160812D
NOTES
An initial pause of 200us is required after power-up followed by any 8 RAS-only refresh or CAS-before-RAS refresh cycles
before proper device operation is achieved.
VIH(min) and VIL(max) are reference levels for measuring timing of input signals. Transition times are measured between
VIH(min) and VIL(max) and are assumed to be 5ns for all inputs.
Measured with a load equivalent to 2 TTL(5V)/1 TTL(3.3V) loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max) can be met. tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then access time is controlled exclusively by tCAC.
Assumes that
tRCD
tRCD(max).
tOFF(min)and tOEZ(max) define the time at which the output achieves the open circuit condition and are not referenced Voh or
Vol.
tWCS, tRWD, tCWD and tAWD are non restrictive operating parameters. They are included in the data sheet as electrical charac-
teristics only. If
tWCS
tWCS(min), the cycle is an early write cycle and the data output will remain high impedance for the dura-
tion of the cycle. If
tCWD
tCWD(min), tRWDtRWD(min) and tAWDtAWD(min), then the cycle is a read-modify-write cycle and the
data output will contain the data read from the selected address. If neither of the above conditions is satisfied, the condition
of the data out is indeterminate.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to CAS falling edge in early write cycles and to W falling edge in read-modify-write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max) can be met. tRAD(max) is specified as a reference point only.
If
tRAD is greater than the specified tRAD(max) limit, then access time is controlled by tAA.
These specifications are applied in the test mode.
In test mode read cycle, the value of
tRAC, tAA, tCAC is delayed by 2ns to 5ns for the specified values. These parameters
should be specified in test mode cycles by adding the above value to the specified value in this data sheet.
If
tRASS
≥100us, then RAS precharge time must use tRPS instead of tRP.
For RAS-only refresh and burst CAS-before-RAS refresh mode, 4096(4K)/2048(2K) cycles of burst refresh must be exe-
cuted within 64ms/32ms before and after self refresh, in order to meet refresh specification.
For distributed CAS-before-RAS with 15.6us interval CAS-before-RAS refresh should be executed with in 15.6us immedi-
ately before and after self refresh in order to meet refresh specification.
5.
6.
7.
8.
9.
10.
11.
12.
13.
14.
1.
2.
3.
4.
15.


Similar Part No. - K4F160811D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F160411C SAMSUNG-K4F160411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411C-B SAMSUNG-K4F160411C-B Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411C-F SAMSUNG-K4F160411C-F Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411D SAMSUNG-K4F160411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160412C SAMSUNG-K4F160412C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F160811D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
K4F660812D SAMSUNG-K4F660812D Datasheet
368Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
logo
Integrated Silicon Solu...
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com