Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F160811D Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K4F160811D
Description  2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F160811D Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K4F160811D Datasheet HTML 2Page - Samsung semiconductor K4F160811D Datasheet HTML 3Page - Samsung semiconductor K4F160811D Datasheet HTML 4Page - Samsung semiconductor K4F160811D Datasheet HTML 5Page - Samsung semiconductor K4F160811D Datasheet HTML 6Page - Samsung semiconductor K4F160811D Datasheet HTML 7Page - Samsung semiconductor K4F160811D Datasheet HTML 8Page - Samsung semiconductor K4F160811D Datasheet HTML 9Page - Samsung semiconductor K4F160811D Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
K4F170811D, K4F160811D
CMOS DRAM
K4F170812D, K4F160812D
AC CHARACTERISTICS (Continued)
Parameter
Symbol
-50
-60
Units
Note
Min
Max
Min
Max
Data set-up time
tDS
0
0
ns
9
Data hold time
tDH
10
10
ns
9
Refresh period (2K, Normal)
tREF
32
32
ms
Refresh period (4K, Normal)
tREF
64
64
ms
Refresh period (L-ver)
tREF
128
128
ms
Write command set-up time
tWCS
0
0
ns
7
CAS to W delay time
tCWD
36
40
ns
7
RAS to W delay time
tRWD
73
85
ns
7
Column address to W delay time
tAWD
48
55
ns
7
CAS precharge to W delay time
tCPWD
53
60
ns
CAS set-up time (CAS -before-RAS refresh)
tCSR
5
5
ns
CAS hold time (CAS -before-RAS refresh)
tCHR
10
10
ns
RAS to CAS precharge time
tRPC
5
5
ns
Access time from CAS precharge
tCPA
30
35
ns
3
Fast Page cycle time
tPC
35
40
ns
Fast Page read-modify-write cycle time
tPRWC
76
85
ns
CAS precharge time (Fast Page cycle)
tCP
10
10
ns
RAS pulse width (Fast Page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
ns
OE access time
tOEA
13
15
ns
OE to data delay
tOED
13
15
ns
Output buffer turn off delay time from OE
tOEZ
0
13
0
15
ns
6
OE command hold time
tOEH
13
15
ns
Write command set-up time (Test mode in)
tWTS
10
10
ns
11
Write command hold time (Test mode in)
tWTH
10
10
ns
11
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
RAS pulse width (C-B-R self refresh)
tRASS
100
100
us
13,14,15
RAS precharge time (C-B-R self refresh)
tRPS
90
110
ns
13,14,15
CAS hold time (C-B-R self refresh)
tCHS
-50
-50
ns
13,14,15


Similar Part No. - K4F160811D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F160411C SAMSUNG-K4F160411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411C-B SAMSUNG-K4F160411C-B Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411C-F SAMSUNG-K4F160411C-F Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160411D SAMSUNG-K4F160411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F160412C SAMSUNG-K4F160412C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F160811D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
K4F660812D SAMSUNG-K4F660812D Datasheet
368Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
logo
Integrated Silicon Solu...
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com