Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

K4F171611D Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. K4F171611D
Description  1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F171611D Datasheet(HTML) 3 Page - Samsung semiconductor

  K4F171611D Datasheet HTML 1Page - Samsung semiconductor K4F171611D Datasheet HTML 2Page - Samsung semiconductor K4F171611D Datasheet HTML 3Page - Samsung semiconductor K4F171611D Datasheet HTML 4Page - Samsung semiconductor K4F171611D Datasheet HTML 5Page - Samsung semiconductor K4F171611D Datasheet HTML 6Page - Samsung semiconductor K4F171611D Datasheet HTML 7Page - Samsung semiconductor K4F171611D Datasheet HTML 8Page - Samsung semiconductor K4F171611D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
K4F171611D, K4F151611D
CMOS DRAM
K4F171612D, K4F151612D
ABSOLUTE MAXIMUM RATINGS
* Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded. Functional operation should be restricted
to the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Parameter
Symbol
Rating
Units
3.3V
5V
Voltage on any pin relative to VSS
VIN,VOUT
-0.5 to +4.6
-1.0 to +7.0
V
Voltage on VCC supply relative to VSS
VCC
-0.5 to +4.6
-1.0 to +7.0
V
Storage Temperature
Tstg
-55 to +150
-55 to +150
°C
Power Dissipation
PD
1
1
W
Short Circuit Output Current
IOS Address
50
50
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to Vss, TA= 0 to 70
°C)
*1 : VCC+1.3V/15ns(3.3V), VCC+2.0V/20ns(5V), Pulse width is measured at VCC
*2 : -1.3V/15ns(3.3V), -2.0V/20ns(5V), Pulse width is measured at VSS
Parameter
Symbol
3.3V
5V
Units
Min
Typ
Max
Min
Typ
Max
Supply Voltage
VCC
3.0
3.3
3.6
4.5
5.0
5.5
V
Ground
VSS
0
0
0
0
0
0
V
Input High Voltage
VIH
2.0
-
VCC+0.3*1
2.4
-
VCC+1.0*1
V
Input Low Voltage
VIL
-0.3*2
-
0.8
-1.0*2
-
0.8
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted.)
Max
Parameter
Symbol
Min
Max
Units
3.3V
Input Leakage Current (Any input 0
≤VIN≤VIN+0.3V,
all other input pins not under test=0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V
≤VOUT≤VCC)
IO(L)
-5
5
uA
Output High Voltage Level(IOH=-2mA)
VOH
2.4
-
V
Output Low Voltage Level(IOL=2mA)
VOL
-
0.4
V
5V
Input Leakage Current (Any input 0
≤VIN≤VIN+0.5V,
all other input pins not under test=0 Volt)
II(L)
-5
5
uA
Output Leakage Current
(Data out is disabled, 0V
≤VOUT≤VCC)
IO(L)
-5
5
uA
Output High Voltage Level(IOH=-5mA)
VOH
2.4
-
V
Output Low Voltage Level(IOL=4.2mA)
VOL
-
0.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KM416V4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000B 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612E 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C1000C 1M x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C256D 256K x 16Bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000B 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
KM416C4000C 4M x 16bit CMOS Dynamic RAM with Fast Page Mode 1  2  3  4  5  More Samsung semiconductor
K4F661612D 4M X 16BIT CMOS DYNAMIC RAM WITH FAST PAGE MODE 1  2  3  4  5  More Samsung semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn