Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4F170812D Datasheet(PDF) 7 Page - Samsung semiconductor

Part # K4F170812D
Description  2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4F170812D Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button K4F170812D Datasheet HTML 3Page - Samsung semiconductor K4F170812D Datasheet HTML 4Page - Samsung semiconductor K4F170812D Datasheet HTML 5Page - Samsung semiconductor K4F170812D Datasheet HTML 6Page - Samsung semiconductor K4F170812D Datasheet HTML 7Page - Samsung semiconductor K4F170812D Datasheet HTML 8Page - Samsung semiconductor K4F170812D Datasheet HTML 9Page - Samsung semiconductor K4F170812D Datasheet HTML 10Page - Samsung semiconductor K4F170812D Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
K4F170811D, K4F160811D
CMOS DRAM
K4F170812D, K4F160812D
TEST MODE CYCLE
Parameter
Symbol
-50
-60
Units
Notes
Min
Max
Min
Max
Random read or write cycle time
tRC
95
115
ns
Read-modify-write cycle time
tRWC
138
160
ns
Access time from RAS
tRAC
55
65
ns
3,4,10,12
Access time from CAS
tCAC
18
20
ns
3,4,5,12
Access time from column address
tAA
30
35
ns
3,10,12
RAS pulse width
tRAS
55
10K
65
10K
ns
CAS pulse width
tCAS
18
10K
20
10K
ns
RAS hold time
tRSH
18
20
ns
CAS hold time
tCSH
55
65
ns
Column address to RAS lead time
tRAL
30
35
ns
CAS to W delay time
tCWD
41
45
ns
7
RAS to W delay time
tRWD
78
90
ns
7
Column address to W delay time
tAWD
53
60
ns
7
CAS precharge to W delay time
tCPWD
58
65
ns
Fast Page cycle time
tPC
40
45
ns
Fast Page read-modify-write cycle time
tPRWC
81
90
ns
RAS pulse width (Fast Page cycle)
tRASP
55
200K
65
200K
ns
Access time from CAS precharge
tCPA
35
40
ns
3
OE access time
tOEA
18
20
ns
OE to data delay
tOED
18
20
ns
OE command hold time
tOEH
18
20
ns
( Note 11 )


Similar Part No. - K4F170812D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4F170411C SAMSUNG-K4F170411C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C-B SAMSUNG-K4F170411C-B Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411C-F SAMSUNG-K4F170411C-F Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170411D SAMSUNG-K4F170411D Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
K4F170412C SAMSUNG-K4F170412C Datasheet
225Kb / 20P
   4M x 4Bit CMOS Dynamic RAM with Fast Page Mode
More results

Similar Description - K4F170812D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48C2000B SAMSUNG-KM48C2000B Datasheet
79Kb / 8P
   2M x 8Bit CMOS Dynamic RAM with Fast Page Mode
K4F660812D SAMSUNG-K4F660812D Datasheet
368Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
K4F660811B SAMSUNG-K4F660811B Datasheet
367Kb / 20P
   8M x 8bit CMOS Dynamic RAM with Fast Page Mode
logo
Integrated Circuit Solu...
IC41C82052S ICSI-IC41C82052S Datasheet
200Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
logo
Integrated Silicon Solu...
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Samsung semiconductor
KM416C1000C SAMSUNG-KM416C1000C Datasheet
767Kb / 34P
   1M x 16Bit CMOS Dynamic RAM with Fast Page Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com