Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42878-8552 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42878-8552
Description  Modular Jack, Vertical, Low Profile, 8/8, Keyed, Panel Stops
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

42878-8552 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42878-8552 Datasheet HTML 1Page - Molex Electronics Ltd. 42878-8552 Datasheet HTML 2Page - Molex Electronics Ltd. 42878-8552 Datasheet HTML 3Page - Molex Electronics Ltd. 42878-8552 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Grounding to PCB
No
Grounding to Panel
None
Shielded
No
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-42878-492
Product Specification
PS-42878
Sales Drawing
SDA-42878-****
Test Summary
TS-42878-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42878-8552

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42878-8554 MOLEX5-42878-8554 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed
More results

Similar Description - 42878-8552

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0428788456 MOLEX5-0428788456 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed, Panel Stops
0428788456 MOLEX1-0428788456_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Low Profile, 8/8, Keyed, Panel Stops
0424108360 MOLEX5-0424108360 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8, Keyed, Panel Stops
0428788840 MOLEX5-0428788840 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Keyed, Panel Stops
0428788744 MOLEX5-0428788744 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/6, Keyed, Panel Stops
0428789128 MOLEX5-0428789128 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/4, Keyed, Panel Stops
0428789032 MOLEX5-0428789032 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/4, Keyed, Panel Stops
0428789320 MOLEX5-0428789320 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/2, Keyed, Panel Stops
0428789416 MOLEX5-0428789416 Datasheet
234Kb / 4P
   Modular Jack, Vertical, Low Profile, 8/2, Keyed, Panel Stops
0424108552 MOLEX5-0424108552 Datasheet
201Kb / 4P
   Modular Jack, Vertical, 8/8 with Panel Stops, Keyed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com