Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4E160811D Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4E160811D
Description  2M x 8Bit CMOS Dynamic RAM with Extended Data Out
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4E160811D Datasheet(HTML) 2 Page - Samsung semiconductor

  K4E160811D Datasheet HTML 1Page - Samsung semiconductor K4E160811D Datasheet HTML 2Page - Samsung semiconductor K4E160811D Datasheet HTML 3Page - Samsung semiconductor K4E160811D Datasheet HTML 4Page - Samsung semiconductor K4E160811D Datasheet HTML 5Page - Samsung semiconductor K4E160811D Datasheet HTML 6Page - Samsung semiconductor K4E160811D Datasheet HTML 7Page - Samsung semiconductor K4E160811D Datasheet HTML 8Page - Samsung semiconductor K4E160811D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
K4E170811D, K4E160811D
CMOS DRAM
K4E170812D, K4E160812D
VCC
DQ0
DQ1
DQ2
DQ3
W
RAS
*A11(N.C)
A10
A0
A1
A2
A3
VCC
VSS
DQ7
DQ6
DQ5
DQ4
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PIN CONFIGURATION (Top Views)
Pin Name
Pin Function
A0 - A11
Address Inputs (4K Product)
A0 - A10
Address Inputs (2K Product)
DQ0 - 7
Data In/Out
VSS
Ground
RAS
Row Address Strobe
CAS
Column Address Strobe
W
Read/Write Input
OE
Data Output Enable
VCC
Power(+5V)
Power(+3.3V)
N.C
No Connection (2K Ref. product)
VCC
DQ0
DQ1
DQ2
DQ3
W
RAS
*A11(N.C)
A10
A0
A1
A2
A3
VCC
VSS
DQ7
DQ6
DQ5
DQ4
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
*A11 is N.C for K4E160811(2)D(5V/3.3V, 2K Ref. product)
B : 300mil 28 SOJ
F : 300mil 28 TSOP II
• K4E17(6)0811(2)D-B
• K4E17(6)0811(2)D-F


Similar Part No. - K4E160811D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4E160411D SAMSUNG-K4E160411D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
K4E160412D SAMSUNG-K4E160412D Datasheet
256Kb / 21P
   4M x 4Bit CMOS Dynamic RAM with Extended Data Out
More results

Similar Description - K4E160811D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM48C8004B SAMSUNG-KM48C8004B Datasheet
383Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004B SAMSUNG-KM48V8004B Datasheet
386Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812C SAMSUNG-K4E660812C Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812B SAMSUNG-K4E660812B Datasheet
416Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
KM48V8004C SAMSUNG-KM48V8004C Datasheet
388Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660812E SAMSUNG-K4E660812E Datasheet
190Kb / 21P
   8M x 8bit CMOS Dynamic RAM with Extended Data Out
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com