Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41662-0036-B04Y228 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 41662-0036-B04Y228
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, 24 Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

41662-0036-B04Y228 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  41662-0036-B04Y228 Datasheet HTML 1Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 2Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 3Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 4Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 5Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 6Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 7Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 8Page - Molex Electronics Ltd. 41662-0036-B04Y228 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0416620036
Status:
Active
Description:
3.96mm (.156") Pitch KK® Header, Breakaway, Right Angle, 24 Circuits, 0.76µm (30µ")
Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-08-50 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41662
Application
Board-to-Board, Wire-to-Board
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Durability (mating cycles max)
50
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.184 In
PC Tail Length (mm)
4.67 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Partial
Stackable
No
Temperature Range - Operating
0°C to +75°C
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41662Series
Mates With
2139 , 2145 , 6442 , 7674 , 7675 , 41695 ,
41815


Similar Part No. - 41662-0036-B04Y228

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41662-0036 MOLEX11-41662-0036 Datasheet
57Kb / 2P
   KK 396 Breakaway Header, Right-Angle, 14 Circuits, 0.76um Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com