Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ5RW51BB Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # RQ5RW51BB
Description  SMALL PACKAGE VOLTAGE REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RQ5RW51BB Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button RQ5RW51BB Datasheet HTML 6Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 7Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 8Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 9Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 10Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 11Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 12Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 13Page - RICOH electronics devices division RQ5RW51BB Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
RQ5RW
6
ELECTRICAL CHARACTERISTICS BY OUTPUT VOLTAGE
VIN
60
90
VOUT
=2.0V
35
30
45
1mA
50
75
IOUT
35mA
40
60
VIN
VOUT
=2.0V
35
55
50
40
60
1mA
IOUT
50mA
30
45
IOUT
=1mA
VIN
VOUT
=2.0V
65
50
70
1mA
IOUT
65mA
25
40
VIN
VOUT
=2.0V
80
60
90
1mA
IOUT
80mA
RQ5RW20
1.960
2.000
2.040
RQ5RW21
2.058
2.100
2.142
RQ5RW22
2.156
2.200
2.244
RQ5RW23
2.254
2.300
2.346
RQ5RW24
2.352
2.400
2.448
RQ5RW25
2.450
2.500
2.550
RQ5RW26
2.548
2.600
2.652
RQ5RW27
2.646
2.700
2.754
RQ5RW28
2.744
2.800
2.856
RQ5RW29
2.842
2.900
2.958
RQ5RW30
2.940
3.000
3.060
RQ5RW31
3.038
3.100
3.162
RQ5RW32
3.136
3.200
3.264
RQ5RW33
3.234
3.300
3.366
RQ5RW34
3.332
3.400
3.468
RQ5RW35
3.430
3.500
3.570
RQ5RW36
3.528
3.600
3.672
RQ5RW37
3.626
3.700
3.774
RQ5RW38
3.724
3.800
3.876
RQ5RW39
3.822
3.900
3.978
RQ5RW40
3.920
4.000
4.080
RQ5RW41
4.018
4.100
4.182
RQ5RW42
4.116
4.200
4.284
RQ5RW43
4.214
4.300
4.386
RQ5RW44
4.312
4.400
4.488
RQ5RW45
4.410
4.500
4.590
RQ5RW46
4.508
4.600
4.692
RQ5RW47
4.606
4.700
4.794
RQ5RW48
4.704
4.800
4.896
RQ5RW49
4.802
4.900
4.998
RQ5RW50
4.900
5.000
5.100
RQ5RW51
4.998
5.100
5.202
RQ5RW52
5.096
5.200
5.304
RQ5RW53
5.194
5.300
5.406
RQ5RW54
5.292
5.400
5.508
RQ5RW55
5.390
5.500
5.610
RQ5RW56
5.488
5.600
5.712
RQ5RW57
5.586
5.700
5.814
RQ5RW58
5.684
5.800
5.916
RQ5RW59
5.782
5.900
6.018
RQ5RW60
5.880
6.000
6.120
Output Voltage
Output Current
Load Regulation
Dropout Votage
Part Number
VOUT(V)
IOUT(mA)
VOUT/IOUT(mV)
VDIF(mV)
Conditions
MIN.
TYP.
MAX.
Conditions
MIN.
TYP.
Conditions
TYP.
MAX.
Conditions
TYP.
MAX.
VIN
VOUT
=2.0V
10µA
IOUT
10mA
VIN
VOUT
=2.0V
Topt=25˚C


Similar Part No. - RQ5RW51BB

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RQ5RW51BA RICOH-RQ5RW51BA Datasheet
642Kb / 23P
   The Rx5RW Series are CMOS-based voltage regulator ICs with high accuracy output voltage and ultra-low
More results

Similar Description - RQ5RW51BB

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D RICOH-R1100D_17 Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
RX5RW NISSHINBO-RX5RW Datasheet
328Kb / 19P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-817 SII-S-817_1 Datasheet
1Mb / 52P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-817 SII-S-817 Datasheet
830Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-817 ABLIC-S-817 Datasheet
856Kb / 50P
   SUPER-SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.6.2_02
logo
Seiko Instruments Inc
S-1323 SII-S-1323 Datasheet
419Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1323 ABLIC-S-1323 Datasheet
494Kb / 28P
   HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
Rev.5.1_02
logo
New Japan Radio
NJU7665 NJRC-NJU7665 Datasheet
201Kb / 4P
   SMALL PACKAGE VOLTAGE INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com